Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X20114 Datasheet (PDF) - United Automation Ltd. All rights reserved

X20114 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X20114
Download  X20114 Download
File Size   513.19 Kbytes
Page   5 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Heater Controller

X20114 Datasheet (PDF)

Go To PDF Page Download Datasheet
X20114 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X20114
Download  X20114 Click to download

File Size   513.19 Kbytes
Page   5 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Heater Controller

X20114 Datasheet (HTML) - United Automation Ltd. All rights reserved


X20114 Product details

KEY FEATURES:
 Energy Saving: Activates heat only when people are present, reducing unnecessary energy use.
 Extended Lamp Life: Soft-start and zero-voltage switch-off functions help increase lamp longevity by up to 30%.
 Temperature Sensor: Automatically inhibits lamp operation when ambient temperature exceeds the set point.
 Cost-Effective: Offers advanced features at a competitive price.
 Easy Installation: Simple setup process with minimal maintenance required.
 LED Indication: Blue LED for power ON and red LED for heater ON status.
APPLICATIONS:
The Infresco-P 4kW controller is ideal for a variety of settings, including:
 Outdoor Heating: Perfect for patios, terraces, and outdoor dining areas.
 Commercial Use: Suitable for restaurants, hospitality areas, and other commercial spaces.
 Industrial Environments: Can be used in warehouses, workshops, and other industrial applications where infrared heating is required.




Similar Part No. - X20114

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
X2011 RFSOLUTIONS-X2011 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2011-434 RFSOLUTIONS-X2011-434 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2011-868 RFSOLUTIONS-X2011-868 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
X2011-915 RFSOLUTIONS-X2011-915 Datasheet
65Kb / 6P
FM Narrow Band Transceiver Modules
logo
United Automation Ltd. ...
X20115 UNITEDAUTOMATION-X20115 Datasheet
617Kb / 4P
Heater Controller
1 July 2025
More results


Similar Description - X20114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YB80-240 ETC-YB80-240 Datasheet
123Kb / 1P
PTC Heater
logo
Analog Technologies, In...
AMCHCXRXW ANALOGTECHNOLOGIES-AMCHCXRXW Datasheet
310Kb / 3P
Metal Ceramics Heater
6/9/2022
logo
STEGO Elektrotechnik Gm...
CP061 STEGO-CP061 Datasheet
177Kb / 1P
FLAT HEATER
19.08.2020
HG140 STEGO-HG140 Datasheet
151Kb / 1P
SEMICONDUCTOR HEATER
19.03.2019
HGK047 STEGO-HGK047 Datasheet
161Kb / 1P
SMALL SEMICONDUCTOR HEATER
24.08.2020
LP165 STEGO-LP165 Datasheet
583Kb / 1P
ENCLOSURE HEATER
11.11.2022
LPS164 STEGO-LPS164 Datasheet
352Kb / 1P
ENCLOSURE HEATER
11.11.2022
LT065 STEGO-LT065 Datasheet
503Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTF065 STEGO-LTF065 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
LTS064 STEGO-LTS064 Datasheet
484Kb / 1P
ENCLOSURE HEATER
11.11.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com