Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1266WL12 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO1266WL12 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO1266WL12
Download  DIO1266WL12 Download
File Size   1126.49 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Load Switch

DIO1266WL12 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO1266WL12 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO1266WL12
Download  DIO1266WL12 Click to download

File Size   1126.49 Kbytes
Page   10 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Load Switch

DIO1266WL12 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO1266WL12 Product details

Features
 Surge protection
IEC 61000-4-5: 80 V
 Input clamping voltage:42 V (Typ.)
 Overvoltage protection (OVP)
 Overtemperature protection (OTP)
 ESD protection
IEC 61000-4-2 air discharge: > 15 kV
IEC 61000-4-2 contact discharge: > 8 kV
 Negative voltage protection (-6 V)
Applications
 Mobile handsets and tablets
 Portable media players
 MP3 players
Descriptions
The DIO1266 features a low- RON internal FET and
an operating range of 2.5 VDC to 40 VDC (absolute
maximum of 42 VDC). The DIO1266 features
overvoltage protection that powers down the
internal FET if the input voltage exceeds the OVP
threshold. The OVP threshold is adjustable with
optional external resistors. Overtemperature
protection also powers down the device at 130°C
(Typ.).




Similar Part No. - DIO1266WL12

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1266B DIOO-DIO1266B Datasheet
1Mb / 14P
Load Switch
Aug 2024
DIO1266BWL12 DIOO-DIO1266BWL12 Datasheet
1Mb / 14P
Load Switch
Aug 2024
More results


Similar Description - DIO1266WL12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
Integrated Load Switch
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
Integrated Load Switch
logo
Toshiba Semiconductor
SSM6E01TU TOSHIBA-SSM6E01TU_07 Datasheet
182Kb / 8P
Load Switch Applications
logo
Sanyo Semicon Device
CPH6153 SANYO-CPH6153 Datasheet
248Kb / 4P
Load Switch Applications
logo
Torex Semiconductor
XC8102 TOREX-XC8102_15 Datasheet
379Kb / 20P
Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
Integrated Load Switch
October-2017, Rev. 4
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
Integrated Load Switch
October-2017, Rev. 3
logo
Guangdong Youtai Semico...
BSS138PS UMW-BSS138PS Datasheet
508Kb / 7P
Load Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com