Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2022X Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2022X Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2022X
Download  DIO2022X Download
File Size   2135.6 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description CMOS Amplifier

DIO2022X Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2022X Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2022X
Download  DIO2022X Click to download

File Size   2135.6 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description CMOS Amplifier

DIO2022X Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2022X Product details

Features
 Rail-to-rail input and output
 ±1 mV typical offset (VOS)
 VOSMAX specificity: ±5 mV
 Low distortion
 Gain bandwidth product: 3 MHz
 Wide supply range: 2.5 V to 5.5 V
 190μA/Amplifier typical supply current
 Slew rate: 1.7 V/μs
 Small size packaging best for portable
applications.
 DIO20221: available in SC70-5, SOT23-5
DIO20222: available in MSOP-8, SOIC-8
DIO20224: available in SOIC-14 &TSSOP-14
Applications
 Portable equipment
 Active filters
 Data acquisition
 Portable equipment
 Test equipment
 Broadband communication
 Process control
 Audio and video processing
Descriptions
The DIO2022x is a rail-to-rail I/O operational
amplifier which allows low load impedances to be
driven. With a 3 MHz unity-gain frequency and low
noise, low distortion and high output current
capability, the DIO2022x provides excellent choice
for high quality systems. The input common-mode
voltage range includes ground, and the maximum
input offset voltage is ±1 mV (guaranteed). They
are also capable of comfortably driving large
capacitive loads.
DIO2022x is offered in RoHS or Green package
and ESD (HBM) 8 kV. It is specified over the
extended -40 to 125°C




Similar Part No. - DIO2022X

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20321SO8 DIOO-DIO20321SO8 Datasheet
2Mb / 17P
Operational Amplifiers
Rev 1.4
DIO20321ST5 DIOO-DIO20321ST5 Datasheet
2Mb / 17P
Operational Amplifiers
Rev 1.4
DIO20322CN8 DIOO-DIO20322CN8 Datasheet
2Mb / 17P
Operational Amplifiers
Rev 1.4
DIO20322MP8 DIOO-DIO20322MP8 Datasheet
2Mb / 17P
Operational Amplifiers
Rev 1.4
DIO20322SO8 DIOO-DIO20322SO8 Datasheet
2Mb / 17P
Operational Amplifiers
Rev 1.4
More results


Similar Description - DIO2022X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7021 FAIRCHILD-FAN7021 Datasheet
85Kb / 10P
CMOS Power Amplifier
logo
Maxim Integrated Produc...
MAX450 MAXIM-MAX450 Datasheet
154Kb / 4P
CMOS Video Amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
CMOS Operational amplifier
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
CMOS Operational Amplifier
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
CMOS Operational Amplifier
logo
Analog Devices
AD8655 AD-AD8655_15 Datasheet
392Kb / 20P
Precision CMOS Amplifier
Rev. E
AD8656 AD-AD8656_15 Datasheet
392Kb / 20P
Precision CMOS Amplifier
Rev. E
logo
Texas Instruments
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
CMOS operational amplifier
logo
Texas Instruments
OPA373 TI1-OPA373_16 Datasheet
1Mb / 37P
CMOS Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com