Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2051A Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2051A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2051A
Download  DIO2051A Download
File Size   1041.76 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Power Amplifier

DIO2051A Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2051A Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2051A
Download  DIO2051A Click to download

File Size   1041.76 Kbytes
Page   9 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Power Amplifier

DIO2051A Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2051A Product details

Features
 Rail-to-rail input and output
 0.65 mV typical offset (VOS)
 Unity gain stable
 Gain bandwidth product: 550 kHz
 Very low input bias currents: 0.5 pA
 Wide supply range: 1.8 V to 5.5 V
 Input voltage range:
-0.1 V to +5.6 V with V+ = 5.5 V
 Ultra-low power: 16 μA per channel
 Small size packaging best for portable
applications: SOT23-5
Applications
 ASIC input or output amplifiers
 Sensor interfaces
 Piezo electric transducer amplifiers
 Medical instrumentation
 Audio output
 Portable systems
 Smoke detectors
 Notebook PCs
Description
The DIO2051A is single channel rail-to-rail CMOS
operational amplifier with ultra-low offset.
Features include wide input common-mode
voltage range and broad output voltage swing
with operating supply voltage from 1.8 V to 5.5 V.
Products are fully specified over the extended
-40°C to +125°C temperature range.
The DIO2051A provides a 550 kHz bandwidth,
consuming ultra-low current of 16 μA per channel.
Very low input bias currents of 0.5 pA make the
DIO2051A ideal for integrators, photodiode
amplifiers, and piezoelectric sensors.




Similar Part No. - DIO2051A

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20221SC5 DIOO-DIO20221SC5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20221ST5 DIOO-DIO20221ST5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222MP8 DIOO-DIO20222MP8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222SO8 DIOO-DIO20222SO8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20224CS14 DIOO-DIO20224CS14 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
More results


Similar Description - DIO2051A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
POWER AMPLIFIER
logo
RFHIC
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
Power Amplifier
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
Power Amplifier
logo
M/A-COM Technology Solu...
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
Power Amplifier
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
Amplifier, Power
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
Power Amplifier
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
Power Amplifier
Oct-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com