Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2216 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO2216 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO2216
Download  DIO2216 Download
File Size   1420.15 Kbytes
Page   17 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Current Shunt Monitor

DIO2216 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO2216 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO2216
Download  DIO2216 Click to download

File Size   1420.15 Kbytes
Page   17 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Current Shunt Monitor

DIO2216 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO2216 Product details

 Features
 Common-mode voltage: 1.8 V to 5.5 V
 Low quiescent current: 17 μA (typ.)
 High accuracy:
− Low offset voltage
− ±0.1% max total output error
 Choice of gains, bandwidth:
− DIO2216A: 25 V/V, 20 kHz
− DIO2216B: 50 V/V, 10 kHz
− DIO2216C: 100 V/V, 5 kHz
− DIO2216D: 200 V/V, 2.5 kHz
 Buffered voltage output: No additional Op Amp
needed
 Operating temperature: -40°C to 125°C
 Applications
 Battery charger
 Laptop
 E-cigarette
 Smartphone
 Description
The DIO2216 is a high-side voltage output current
shunt monitor that senses the voltage drop across the
shunt at a 1.8 V to 5.5 V common-mode voltage. It is
available in four fixed gains: 25 V/V, 50 V/V, 100 V/V
and 200 V/V.
The DIO2216 has a low maximum offset voltage. The
DIO2216 total output error is as low as ±0.1%, which
greatly improves the accuracy and simplifies the
design of system.
The DIO2216 series is specified over the -40°C to
125°C temperature range and is available in
ultra-small WLCSP-4 package.




Similar Part No. - DIO2216

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO2210CS8 DIOO-DIO2210CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2210MP8 DIOO-DIO2210MP8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2211CS8 DIOO-DIO2211CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2211MP8 DIOO-DIO2211MP8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
DIO2212CS8 DIOO-DIO2212CS8 Datasheet
2Mb / 16P
Comparator and Reference
Feb 2024
More results


Similar Description - DIO2216

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA193 BURR-BROWN-INA193 Datasheet
226Kb / 15P
CURRENT SHUNT MONITOR
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
High Voltage Current Shunt Monitor
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
High Voltage, Current Shunt Monitor
REV. A
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
High Voltage Current Shunt Monitor
REV. B
logo
Texas Instruments
INA199 TI1-INA199 Datasheet
1Mb / 34P
Voltage Output Current Shunt Monitor
INA282-Q1 TI1-INA282-Q1_15 Datasheet
1Mb / 34P
Current Shunt Monitor
INA301 TI1-INA301 Datasheet
153Kb / 7P
Current-Shunt Monitor Overcurrent Comparator
INA199-Q1 TI1-INA199-Q1 Datasheet
1Mb / 27P
Current-Shunt Monitor
logo
Analog Devices
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
High Voltage Current Shunt Monitor
5/2017-Rev. B to Rev. C
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
High Voltage, Current Shunt Monitor
12/2016-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com