Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC-400-4310M-X Datasheet (PDF) - Infinite Electronics International, Inc.

TC-400-4310M-X Datasheet PDF - Infinite Electronics International, Inc.
Part # TC-400-4310M-X
Download  TC-400-4310M-X Download
File Size   600.06 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4.3-10 Male Connector Crimp/Solder Attachment for LMR-400 Cable

TC-400-4310M-X Datasheet (PDF)

Go To PDF Page Download Datasheet
TC-400-4310M-X Datasheet PDF - Infinite Electronics International, Inc.

Part # TC-400-4310M-X
Download  TC-400-4310M-X Click to download

File Size   600.06 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 4.3-10 Male Connector Crimp/Solder Attachment for LMR-400 Cable

TC-400-4310M-X Datasheet (HTML) - Infinite Electronics International, Inc.


TC-400-4310M-X Product details

Features
• Operating Frequency
• of 6 GHz Max.
• Excellent VSWR of 1.25:1
• Silver Plated Brass Contact
• Applications:
• General Purpose Test
• Custom Cable Assemblies
• Mobile Communications Systems
• Base Stations
• Distributed Antenna
• Systems (DAS)
• Small Cells
• Feeder Cables




Similar Part No. - TC-400-4310M-X

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TC-400-BM FAIRVIEW-TC-400-BM Datasheet
222Kb / 1P
A Released 6/7/95 JP
REV 1
TC-400-BM-75-X FAIRVIEW-TC-400-BM-75-X Datasheet
294Kb / 3P
75 Ohm BNC Male Connector Crimp Attachment for LMR-400-75, LMR-400-75-DB, LMR-400-75-FR Cable
REV A
TC-400-BM-X FAIRVIEW-TC-400-BM-X Datasheet
534Kb / 3P
BNC Male Connector Crimp/Solder Attachment for LMR-400 Cable
REV 1.2A
logo
Vectron International, ...
TC-400-CAB-106A160 VECTRON-TC-400-CAB-106A160 Datasheet
102Kb / 2P
Temperature Compensated Crystal Oscillators (TCXO?셲)
TC-400-CAB-106A2.0 VECTRON-TC-400-CAB-106A2.0 Datasheet
102Kb / 2P
Temperature Compensated Crystal Oscillators (TCXO?셲)
More results


Similar Description - TC-400-4310M-X

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE4016 PASTERNACK-PE4016 Datasheet
558Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG58, PE-C195, LMR-195
PE44294 PASTERNACK-PE44294 Datasheet
170Kb / 2P
BNC Male Connector Crimp-Solder Attachment For LMR-400, PE-C400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44538 PASTERNACK-PE44538 Datasheet
216Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
logo
List of Unclassifed Man...
TC-240-TM-X ETC1-TC-240-TM-X Datasheet
67Kb / 1P
TNC MALE FOR LMR-240 CABLE SOLDER/CRIMP
B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com