Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360 Datasheet (PDF) - Permco, Inc.

360 Datasheet PDF - Permco, Inc.
Part # 360
Download  360 Download
File Size   2170.61 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Sleeve Bushing Pumps

360 Datasheet (PDF)

Go To PDF Page Download Datasheet
360 Datasheet PDF - Permco, Inc.

Part # 360
Download  360 Click to download

File Size   2170.61 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Sleeve Bushing Pumps

360 Datasheet (HTML) - Permco, Inc.


360 Product details

• Heavy duty sleeve bushing design in a
large frame size
• Working pressure up to 3500 PSI
• Cubic inch displacements from 1.80
through 9.00
• Speeds up to 2400 RPM
• Flows up to 93 GPM
• Doweled and high strength cast iron
construction
• High strength alloy steel gear and shaft
sets
• Split flange & SAE ORB ports are available
• Pressure balanced wear plates maintain
high pump efficiency throughout all
operating ranges
• Both single inlet/single outlets and single
inlet/dual outlet bearing carriers
• 100% factory tested
Features




Similar Part No. - 360

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
360 INTEL-360 Datasheet
2Mb / 95P
Celeron D Processor
360 INTEL-360 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
Oscilent Corporation
360 OSCILENT-360 Datasheet
145Kb / 3P
Programmable XO
logo
Pentair plc. All rights...
360 PENTAIR-360 Datasheet
255Kb / 2P
COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
3M Electronics
360 3M-360 Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
More results


Similar Description - 360

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
Miniature diaphragm pumps
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
Miniature diaphragm pumps
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
Bushing - Punch
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
brass bushing
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
brass bushing
SJ2-35464A-SMT-TR CUI-SJ2-35464A-SMT-TR Datasheet
460Kb / 4P
brass bushing
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
RUBBER BUSHING
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
Bushing - Punch
08/25/2022
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
Threaded bushing
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com