Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

424 Datasheet (PDF) - Permco, Inc.

424 Datasheet PDF - Permco, Inc.
Part # 424
Download  424 Download
File Size   1385.31 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description PUMPS AND MOTORS

424 Datasheet (PDF)

Go To PDF Page Download Datasheet
424 Datasheet PDF - Permco, Inc.

Part # 424
Download  424 Click to download

File Size   1385.31 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description PUMPS AND MOTORS

424 Datasheet (HTML) - Permco, Inc.


424 Product details

Heavy duty sleeve bushing design in a small frame size
Cubic inch displacements of .62, .93 and 1.24
Working pressure up to 4500 PSI
Speeds up to 3000 RPM
Flows up to 15 GPM
Doweled and high strength cast iron construction
100% factory tested
High strength alloy steel gear and shaft sets
wide range of porting, mounting, and shaft options available
Pressure balanced wear plates maintain high pump efficiency
throughout all operating ranges
Both single inlet/single outlet and single inlet/dual outlet bearing carriers available
SINGLE




Similar Part No. - 424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
424 ETC1-424 Datasheet
419Kb / 12P
32-Pin DIP 4-Pole Filters
logo
Littelfuse
424 LITTELFUSE-424 Datasheet
68Kb / 2P
SURFACE MOUNT FUSES
logo
Bi technologies
424 BITECH-424 Datasheet
255Kb / 3P
Precision Potentiometer / Position Sensor
logo
TT Electronics.
424 TTELEC-424 Datasheet
1Mb / 4P
Linear Precision Potentiometer
04/2019
logo
Adafruit Industries
424 ADAFRUIT-424 Datasheet
152Kb / 2P
Precision screwdriver set (6 pieces)
2-6-24
More results


Similar Description - 424

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
Miniature diaphragm pumps
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
Miniature diaphragm pumps
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
Charge-Pumps and High-Current OP
logo
ETAL Group
3140-F ETAL-3140-F Datasheet
239Kb / 4P
High-pressure cleaners, shredders, pumps, power saws, electric tools, motors, processing systems
logo
Kemet Corporation
C.27-4 KEMET-C.27-4 Datasheet
573Kb / 27P
Main application fields: air-fans, pumps, circulators, and low power electric motors.
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Pentair plc. All rights...
ME40 PENTAIR-ME40 Datasheet
215Kb / 4P
EFFLUENT AND DRAIN WATER PUMPS
VR1 PENTAIR-VR1 Datasheet
455Kb / 8P
GRINDER PUMPS
logo
Maxim Integrated Produc...
MAX16928EVKIT MAXIM-MAX16928EVKIT Datasheet
1Mb / 7P
Single-Stage Positive and Negative Charge Pumps
Rev 0; 10/11
MAX20067EVKIT MAXIM-MAX20067EVKIT Datasheet
1Mb / 13P
Double-Stage Positive- and Negative-Regulated Charge Pumps
Rev 0; 8/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com