Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

460 Datasheet (PDF) - Permco, Inc.

460 Datasheet PDF - Permco, Inc.
Part # 460
Download  460 Download
File Size   1534.76 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Sleeve Bushing Pumps

460 Datasheet (PDF)

Go To PDF Page Download Datasheet
460 Datasheet PDF - Permco, Inc.

Part # 460
Download  460 Click to download

File Size   1534.76 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Sleeve Bushing Pumps

460 Datasheet (HTML) - Permco, Inc.


460 Product details

• Heavy duty sleeve bushing design in a
large frame size
• Working pressure up to 4500 PSI
• Cubic inch displacements from 2.70,
3.60, 4.50 5.40 and 6.30
• Speeds up to 2400 RPM
• Flows up to 53 GPM
• Doweled and high strength cast iron
construction
• High strength alloy steel gear and shaft
sets
• Split flange & SAE ORB ports are available
• Pressure balanced wear plates maintain
high pump efficiency throughout all
operating ranges
• Both single inlet/single outlets and single
inlet/dual outlet bearing carriers
• 100% factory tested
Features




Similar Part No. - 460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
460 ETC1-460 Datasheet
52Kb / 1P
High Accuracy, 100kHz and 1MHz Voltage to Frequency Converters
logo
Littelfuse
460 LITTELFUSE-460 Datasheet
26Kb / 1P
PICO SMF Very Fast-Acting Type Fuse 459 Series
logo
Intronics Power, Inc.
460 INTRONICS-460 Datasheet
854Kb / 4P
High Accuracy, 100kHz and 1MHz Voltage to Frequency Converterss
logo
France Joint
460 FRANCEJOINT-460 Datasheet
349Kb / 2P
WIPER SEALS
logo
Abbatron All Rights Res...
460 ABBATRON-460 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 460

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
T3CP-1HE-06-1SNB SENSORTECHNICS-T3CP-1HE-06-1SNB Datasheet
148Kb / 5P
Miniature diaphragm pumps
T5-1HE-03-1EEB SENSORTECHNICS-T5-1HE-03-1EEB Datasheet
79Kb / 3P
Miniature diaphragm pumps
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
Bushing - Punch
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
brass bushing
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
brass bushing
SJ2-35464A-SMT-TR CUI-SJ2-35464A-SMT-TR Datasheet
460Kb / 4P
brass bushing
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
RUBBER BUSHING
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
Bushing - Punch
08/25/2022
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
Threaded bushing
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com