Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIN Datasheet (PDF) - Permco, Inc.

DIN Datasheet PDF - Permco, Inc.
Part # DIN
Download  DIN Download
File Size   2539.57 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Trucks & Trailers

DIN Datasheet (PDF)

Go To PDF Page Download Datasheet
DIN Datasheet PDF - Permco, Inc.

Part # DIN
Download  DIN Click to download

File Size   2539.57 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description Trucks & Trailers

DIN Datasheet (HTML) - Permco, Inc.


DIN Product details

• ISO 7653 4 bolt flange mount Ø80 mm
pilot
• DIN 5462 - 8 x 32 x 36 spline shaft
• Dual Ported - Standard 1-1/2” NPT rear
ports and up to 1-1/2” NPT side ports
• Pressure balanced wear plates maintain
high pump efficiency throughout all
operating ranges
• Bi-Rotational Pump/Motor designed to fit
a wide varity of applications
• Doweled and high strength cast iron
construction
• High strength alloy steel gear and shaft
sets
• NPT & SAE ports are available
• Cubic inch displacements from 3.86
through 7.07
• Maximum pressure up to 3000 PSI
• Speeds to 2400 RPM
• 100% factory tested
Features




Similar Part No. - DIN

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
DIN 338 DURATOOL-DIN 338 Datasheet
25Kb / 1P
HSS TiN Coated Jobber Drill Sets
logo
English Chain Co. Ltd
DIN 5685 ENGLISHCHAIN-DIN 5685 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
DIN 5685A ENGLISHCHAIN-DIN 5685A Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
DIN 5685C ENGLISHCHAIN-DIN 5685C Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
DIN 763 ENGLISHCHAIN-DIN 763 Datasheet
511Kb / 10P
WELDEDCHAINSANDACCESSORIES
More results


Similar Description - DIN

ManufacturerPart #DatasheetDescription
logo
ETAL Group
1620-1 ETAL-1620-1 Datasheet
229Kb / 2P
Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
1626-1 ETAL-1626-1 Datasheet
231Kb / 2P
Protection of electrical systems of passenger cars, trucks, buses, watercraft, extra low voltage wiring systems
logo
3M Electronics
983 3M-983 Datasheet
145Kb / 6P
3M??Diamond Grade??Conspicuity Markings Series 983 for Trucks and Trailers
logo
Tripp Lite. All Rights ...
PV3000HF TRIPPLITE-PV3000HF Datasheet
167Kb / 3P
3000W PowerVerter Compact Inverter for Trucks with 4 Outlets
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com