Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M360 Datasheet (PDF) - Permco, Inc.

M360 Datasheet PDF - Permco, Inc.
Part # M360
Download  M360 Download
File Size   171.26 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description SLEEVE BUSHING MOTORS

M360 Datasheet (PDF)

Go To PDF Page Download Datasheet
M360 Datasheet PDF - Permco, Inc.

Part # M360
Download  M360 Click to download

File Size   171.26 Kbytes
Page   2 Pages
Manufacturer  PERMCO [Permco, Inc.]
Direct Link  https://www.permco.com/
Logo PERMCO - Permco, Inc.
Description SLEEVE BUSHING MOTORS

M360 Datasheet (HTML) - Permco, Inc.


M360 Product details

FEATURES
Heavy duty sleeve bushing design in a small frame size
Cubic inch displacement from 1.80 through 9.00 (29.5 - 147.5 CC)
Working pressure up to 3500 PSI (241 BAR)
Speeds up to 2400 RPM
Torque up to 4114 in-lbs (468 Nm)
Doweled and high strength cast iron construction
100% factory tested
High strength alloy steel gear and shaft sets
Pressure balanced wear plates maintain high pump efficiency throughout all operating ranges
Available in single or tandem units




Similar Part No. - M360

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
M360 ADVANCEDENERGY-M360 Datasheet
260Kb / 4P
MIKRON M360
logo
Keysight Technologies
M3601A KEYSIGHT-M3601A Datasheet
1Mb / 9P
PXIe Digitizers with Optional Real-Time
M3601A KEYSIGHT-M3601A Datasheet
1Mb / 16P
PXIe Arbitrary Waveform Generator with Optional Real-Time Sequencing
M3601A KEYSIGHT-M3601A Datasheet
1Mb / 20P
PXIe Arbitrary Waveform Generator and Digitizer with Optional Real-Time Sequencing and FPGA Programming
M3602A KEYSIGHT-M3602A Datasheet
1Mb / 9P
PXIe Digitizers with Optional Real-Time
More results


Similar Description - M360

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-MP3P4 ETC2-561-MP3P4 Datasheet
175Kb / 1P
Strain Relief Bushing
logo
Glenair, Inc.
M28840-22-S10 GLENAIR-M28840-22-S10 Datasheet
75Kb / 1P
Metal Conduit Bushing
logo
Molex Electronics Ltd.
63890-0995 MOLEX11-63890-0995 Datasheet
33Kb / 1P
Bushing - Punch
logo
CUI INC
SJ2-3594X-SMT CUI-SJ2-3594X-SMT Datasheet
493Kb / 4P
brass bushing
SJ2-35344B-SMT-TR CUI-SJ2-35344B-SMT-TR Datasheet
458Kb / 4P
brass bushing
SJ2-35464A-SMT-TR CUI-SJ2-35464A-SMT-TR Datasheet
460Kb / 4P
brass bushing
logo
Harwin Plc
C90-3420-4 HARWIN-C90-3420-4 Datasheet
61Kb / 1P
RUBBER BUSHING
logo
Molex Electronics Ltd.
0638900995 MOLEX-0638900995 Datasheet
15Kb / 1P
Bushing - Punch
08/25/2022
logo
Lapp.
52220110 LAPP-52220110 Datasheet
133Kb / 2P
Bushing Black
Version: 05
logo
FIBOX Enclosing innovat...
3540534 FIBOX-3540534 Datasheet
52Kb / 1P
Threaded bushing
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com