Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9779 Datasheet (PDF) - Time Electronics Ltd.

9779 Datasheet PDF - Time Electronics Ltd.
Part # 9779
Download  9779 Download
File Size   562.81 Kbytes
Page   3 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 5025C Series 2 Multifunction Calibrator

9779 Datasheet (PDF)

Go To PDF Page Download Datasheet
9779 Datasheet PDF - Time Electronics Ltd.

Part # 9779
Download  9779 Click to download

File Size   562.81 Kbytes
Page   3 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 5025C Series 2 Multifunction Calibrator

9779 Datasheet (HTML) - Time Electronics Ltd.


9779 Product details

Features
• 0 to 1050 V AC/DC voltage
• 0 to 22 A AC/DC current
• 1 Ω to 1.1 GΩ variable resistance
• Thermocouple and Pt100 simulation
• Power calibration
• Capacitance and inductance
• Optional oscilloscope calibration
• Clamp meter calibration
• RS-232, USB, and GPIB interfaces
• Calibrator control software included
• Supplied with test lead set
• EasyCal software compatible




Similar Part No. - 9779

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
9779 TIME-ELECTRONICS-9779 Datasheet
940Kb / 1P
EasyCal Accessories 9795 / 9778 / 9777 / 9779
01/22
9779 TIME-ELECTRONICS-9779 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
9779 TIME-ELECTRONICS-9779 Datasheet
515Kb / 3P
5025E Series 2 Multifunction Calibrator
01/24
9779 TIME-ELECTRONICS-9779 Datasheet
696Kb / 3P
5025E Multifunction Calibrator
05/20
logo
List of Unclassifed Man...
9779-513-10 ETC1-9779-513-10 Datasheet
157Kb / 4P
Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
More results


Similar Description - 9779

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
422123 EXTECH-422123 Datasheet
99Kb / 10P
Precision Multifunction Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Extech Instruments Corp...
PRC30 EXTECH-PRC30 Datasheet
101Kb / 2P
PRC30 Multifunction Process Calibrator
412400 EXTECH-412400_15 Datasheet
216Kb / 1P
Oyster짰 Multifunction Process Calibrator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com