Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5913B1 Datasheet (PDF) - STMicroelectronics

M5913B1 Datasheet PDF - STMicroelectronics
Part # M5913B1
Download  M5913B1 Download
File Size   220.89 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description COMBINED SINGLE CHIP PCM CODEC AND FILTER

M5913B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M5913B1 Datasheet PDF - STMicroelectronics

Part # M5913B1
Download  M5913B1 Click to download

File Size   220.89 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description COMBINED SINGLE CHIP PCM CODEC AND FILTER

M5913B1 Datasheet (HTML) - STMicroelectronics


M5913B1 Product details

DESCRIPTION
The M5913 is fully integrated PCM (pulse code modulation) codecs and transmit/receive filter us ing CMOS silicon gate technology.
The primary applications for the M5913 are telephone systems :
   - Switching - M5913-Digital PBX’s and Central
      Office Switching Systems
   - Concentration - M5913 Subscriber Carrier and
      Concentrators.
The wide dynamic range (78dB) and the minimal conversion time make it ideal products for other applications such as:
   - Voice Store and Forward
   - Secure Communications Systems
   - Digital Echo Cancellers
   - Satellite Earth Stations.
  
■ SYNCHRONOUS CLOCKS ONLY
■ AT&T D3/D4 AND CCITT COMPATIBLE
■ TWO TIMING MODES:
   FIXED DATA RATE MODE 1.536MHz,
   1.544MHz, 2.048MHz
   VARIABLE DATA MODE: 64KHz - 4.096MHz
■ PIN SELECTABLE µ-LAW OR A-LAW OPERATION
■ NO EXTERNAL COMPONENTS FOR SAMPLE-AND-HOLD AND AUTO ZERO FUNCTIONS
■ LOW POWER DISSIPATION:
   0.5mW POWER DOWN
   70mW OPERATING
● EXCELLENT POWER SUPPLY REJECTION




Similar Part No. - M5913B1

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
M5918B HMSEMI-M5918B Datasheet
941Kb / 12P
1.2A charging 1 A discharging Highly integrated mobile power SOC
More results


Similar Description - M5913B1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Intel Corporation
2913 INTEL-2913 Datasheet
1Mb / 21P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com