Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANED1005 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANED1005 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANED1005
Download  LCANED1005 Download
File Size   361.81 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 380 MHz - 470 MHz 1 Folded Dipole antenna, 4.6 dbi gain, 1/4 Wave Offset pattern, V-pol, Type N Female Connector

LCANED1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANED1005 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANED1005
Download  LCANED1005 Click to download

File Size   361.81 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 380 MHz - 470 MHz 1 Folded Dipole antenna, 4.6 dbi gain, 1/4 Wave Offset pattern, V-pol, Type N Female Connector

LCANED1005 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANED1005 Product details

Features
• Frequency coverage for 380 MHz to 470 MHz with Type N Female connector
• Very High Gain 4.6 dBi / 2.45 dBd antennas
• Easy and quick time to installations
• Industrially tuned dipoles made of high-grade aluminum alloys
• 1-Folded dipole antenna has offset pattern with ¼ wave spacing
• 210° horizontal beamwidth, and 68° vertical beamwidth with
Vertical Polarization
• 100 W max input power

Applications
• Outdoor point-to-point (PtP) or point-to-multipoint (PtMP) applications
• UHF radio applications supported with Trunking for two-way radio
communications
• Wireless LAN systems, IOT and IIOT low data high coverage
applications
• TV Broadcasts and FM radio applications
• Air traffic controllers / Public Safety / Emergency services / Marine communications
• Tetra and P-25 Applications exclusively supported
• Land Mobile Radio (LMR) and Private Mobile Radio (PMR)




Similar Part No. - LCANED1005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANED1000 L-COM-LCANED1000 Datasheet
362Kb / 3P
138 MHz - 174 MHz 1 Folded Dipole antenna, 4 dBi gain, 1/2 Wave Bidirectional pattern, V-pol, Type N Female Connector
3/31/22
LCANED1002 L-COM-LCANED1002 Datasheet
366Kb / 3P
138 MHz - 174 MHz 2 Folded Dipole antenna, 7 dBi gain, 1/2 Wave Bidirectional pattern, V-pol, Type N Female Connector
3/31/22
LCANED1003 L-COM-LCANED1003 Datasheet
365Kb / 3P
138 MHz - 174 MHz 2 Folded Dipole antenna, 7.6 dBi gain, 1/4 Wave Offset pattern, V-pol, Type N Female Connector
3/31/22
LCANED1004 L-COM-LCANED1004 Datasheet
361Kb / 3P
380 MHz - 470 MHz 1 Folded Dipole antenna, 4 dbi gain, 1/2 Wave Bidirectional pattern, V-pol, Type N Female Connector
3/31/22
LCANED1006 L-COM-LCANED1006 Datasheet
366Kb / 3P
380 MHz - 470 MHz 2 Folded Dipole antenna, 7 dBi gain, 1/2 Wave Bidirectional pattern, V-pol, Type N Female Connector
3/31/22
More results


Similar Description - LCANED1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51063 PASTERNACK-PE51063 Datasheet
59Kb / 1P
Mini Dipole Vertical Antenna 2400 MHz, 3 dBi
PE51148 PASTERNACK-PE51148 Datasheet
330Kb / 3P
Whip Antenna Operates From 450 MHz to 470 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
PE51OM1040 PASTERNACK-PE51OM1040 Datasheet
366Kb / 4P
7 dBi Omni Antenna 617-3,800 MHz N Type Female Connector
REV 1
PE51OM1041 PASTERNACK-PE51OM1041 Datasheet
511Kb / 3P
6 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com