Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANFP1030 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANFP1030 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANFP1030
Download  LCANFP1030 Download
File Size   385.56 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 902 to 928 MHz RFID Flat Panel Antenna, RHCP, 9 dBi, White ABS, N Female, IP67

LCANFP1030 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANFP1030 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANFP1030
Download  LCANFP1030 Click to download

File Size   385.56 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 902 to 928 MHz RFID Flat Panel Antenna, RHCP, 9 dBi, White ABS, N Female, IP67

LCANFP1030 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANFP1030 Product details

Features
• High Performance Multi-tag read/write Capabilities
• Concealable Design
• Right Hand Circular Polarized
• 902 to 928 MHz Frequency Range
• Type N Female Connector
• IP67 Rated

Applications
• Radio Frequency Identification
• Inventory Management
• Access Control
• Data Collection
• Asset Tracking
• Livestock Management




Similar Part No. - LCANFP1030

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANFP1031 L-COM-LCANFP1031 Datasheet
355Kb / 3P
902 to 928 MHz RFID Flat Panel Antenna, RHCP, 6 dBi, White ABS, SMA Female, IP65
07/26/2022
LCANFP1032 L-COM-LCANFP1032 Datasheet
357Kb / 3P
902 to 928 MHz RFID Flat Panel Antenna, RHCP, 8 dBi, White ABS, N Female, IP65
07/26/2022
LCANFP1033 L-COM-LCANFP1033 Datasheet
355Kb / 3P
902 to 928 MHz RFID Flat Panel Antenna, RHCP, 9 dBi, White ABS, N Female, IP54
07/26/2022
LCANFP1034 L-COM-LCANFP1034 Datasheet
355Kb / 3P
902 to 928 MHz RFID Flat Panel Antenna, RHCP, 12 dBi, White ABS, N Female, IP54
07/26/2022
LCANFP1035 L-COM-LCANFP1035 Datasheet
352Kb / 3P
2400 to 2500 MHz RFID Flat Panel Antenna, RHCP, 12 dBi, White ABS, N Female, IP67
07/26/2022
More results


Similar Description - LCANFP1030

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AND-C-108 MACOM-AND-C-108 Datasheet
95Kb / 2P
902-928 MHz Dipole Antenna
MAANAT0123 MACOM-MAANAT0123 Datasheet
441Kb / 2P
Slimline RFID Antenna - North America Dual Circular Polarized, 902-928 MHz
MAANAT0144 MACOM-MAANAT0144 Datasheet
380Kb / 2P
Single Element RFID Antenna - North America Circular Polarized, 902-928 MHz
logo
Pasternack Enterprises,...
PE51129 PASTERNACK-PE51129 Datasheet
91Kb / 1P
High Performance Panel Antenna 4400-6400 MHz, 9 dBi
PE51130 PASTERNACK-PE51130 Datasheet
65Kb / 1P
High Performance Panel Antenna 1700-2500 MHz, 9 dBi
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51024 PASTERNACK-PE51024 Datasheet
646Kb / 2P
OUTDOOR ISM & RFID ANTENNA 8.5 dBi; RHCP
PE51027 PASTERNACK-PE51027 Datasheet
215Kb / 2P
MINI-MAGNETIC OMNIDIRECTIONAL ANTENNA, 902 TO 928 MHz
PE51028 PASTERNACK-PE51028 Datasheet
288Kb / 2P
902 TO 928 MHz OUTDOOR OMNIDIRECTIONAL ANTENNA
logo
List of Unclassifed Man...
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
902~928MHz 2dBi RFID Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com