Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82541 Datasheet (PDF) - Intel Corporation

82541 Datasheet PDF - Intel Corporation
Part # 82541
Download  82541 Download
File Size   711.02 Kbytes
Page   46 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Family of Gigabit Ethernet Controllers

82541 Datasheet (PDF)

Go To PDF Page Download Datasheet
82541 Datasheet PDF - Intel Corporation

Part # 82541
Download  82541 Click to download

File Size   711.02 Kbytes
Page   46 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description Family of Gigabit Ethernet Controllers

82541 Datasheet (HTML) - Intel Corporation


82541 Product details

Introduction
The Intel® 82541(PI/GI/EI) Gigabit Ethernet is a single, compact component with an integrated Gigabit Ethernet Media Access Control (MAC) and physical layer (PHY) functions. For desktop, workstation and mobile PC Network designs with critical space constraints, the Intel® 82541(PI/GI/EI) allows for a Gigabit Ethernet implementation in a very small area that is footprint compatible with current generation 10/100 Mbps Fast Ethernet designs.

Product Features
■ PCI Bus
    — PCI revision 2.3, 32-bit, 33/66 MHz
    — Algorithms that optimally use advanced PCI MWI, MRM, and MRL commands
    — CLK_RUN# signal
    — 3.3 V (5 V tolerant PCI signaling)
■ MAC Specific
    — Low-latency transmit and receive queues
    — IEEE 802.3x-compliant flow-control support with software-controllable thresholds
    — Caches up to 64 packet descriptors in a single burst
    — Programmable host memory receive buffers (256 B to 16 KB) and cache line size (16 B to 256 B)
    — Wide, optimized internal data path architecture
    — 64 KB configurable Transmit and Receive FIFO buffers
■ PHY Specific
    — Integrated for 10/100/1000 Mb/s full- and half-duplex operation
    — IEEE 802.3ab Auto-Negotiation and PHY compliance and compatibility
    — State-of-the-art DSP architecture implements digital adaptive equalization, echo and cross talk cancellation
    — Automatic polarity detection
    — Automatic detection of cable lengths and MDI vs. MDI-X cable at all speeds
■ Host Off-Loading
    — Transmit and receive IP, TCP, and UDP checksum off-loading capabilities
    — Transmit TCP segmentation and advanced packed filtering
    — IEEE 802.1Q VLAN tag insertion and stripping and packet filtering for up to 4096 VLAN tags
    — Jumbo frame support up to 16 KB
    — Intelligent Interrupt generation (multiple packets per interrupt)
■ Manageability
    — On-chip SMBus 2.0 port
    — ASF 1.0 and 2.0
    — Compliance with PCI Power Management v1.1/ACPI v2.0
    — Wake on LAN* (WoL) support
    — Smart Power Down mode when no signal is detected on the wire
    — Power Save mode switches link speed from 1000 Mb/s down to 10 or 100 Mb/s when on battery power
■ Additional Device
    — Four programmable LED outputs
    — On-chip power regulator control circuitry
    — BIOS LAN Disable pin
    — JTAG (IEEE 1149.1) Test Access Port built in silicon (3.3 V, 5 V tolerant PCI signaling)




Similar Part No. - 82541

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
82541110 WURTH-82541110 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
82541140 WURTH-82541140 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
82541200 WURTH-82541200 Datasheet
503Kb / 6P
WE-VS SMT Varistor
001.000
82541250 WURTH-82541250 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
82541300 WURTH-82541300 Datasheet
165Kb / 5P
HIGH SURGE 1206 SMD VARISTOR
More results


Similar Description - 82541

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT6120 ETC1-VT6120 Datasheet
1Mb / 2P
Velocity Gigabit Ethernet Controllers
logo
Zilog, Inc.
Z85C3008VEC ZILOG-Z85C3008VEC Datasheet
637Kb / 2P
ZiLOGs Family of Serial Communication Controllers
Z85C3008VEC00TR ZILOG-Z85C3008VEC00TR Datasheet
637Kb / 2P
ZiLOG?셲 Family of Serial Communication Controllers
logo
Intel Corporation
82563EB INTEL-82563EB Datasheet
100Kb / 2P
Intel짰 82563EB/82564EB Gigabit Ethernet Controllers
GD82541PI INTEL-GD82541PI Datasheet
716Kb / 46P
82541 Family of Gigabit Ethernet Controllers
logo
AAEON Technology
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
gigabit ethernet
logo
Microsemi Corporation
VSC7442-02 MICROSEMI-VSC7442-02 Datasheet
4Mb / 520P
Family of L2/L3 Enterprise Gigabit Ethernet Switches with 10 Gbps Links
VSC7438-02 MICROSEMI-VSC7438-02 Datasheet
9Mb / 603P
Family of Carrier Ethernet Switches
logo
STCmicro Technology Co,...
STC8F STC-STC8F Datasheet
5Mb / 509P
STC8F family of Micro-controllers Reference Manual
2020/3/9
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com