Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CB15AK Datasheet (PDF) - Optronics International

CB15AK Datasheet PDF - Optronics International
Part # CB15AK
Download  CB15AK Download
File Size   213.36 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Yellow Cab/Clearance Lights - PC Rated

CB15AK Datasheet (PDF)

Go To PDF Page Download Datasheet
CB15AK Datasheet PDF - Optronics International

Part # CB15AK
Download  CB15AK Click to download

File Size   213.36 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Yellow Cab/Clearance Lights - PC Rated

CB15AK Datasheet (HTML) - Optronics International


CB15AK Product details

PC rated cab/clearance lights
Select black or white base, mounts on 3" centers
Replaceable lens and bulb (168 bulb)
Single wire design, self grounding
Available in bulk, polypack and retail packaging
Three Year Warranty




Similar Part No. - CB15AK

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
CB15 SEI-CB15 Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
logo
TE Connectivity Ltd
CB15 / CT15 TEC-CB15 / CT15 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Nihon Kaiheiki Industry...
CB15FP NKK-CB15FP Datasheet
136Kb / 4P
6mm Process Sealed Tactiles
CB15FP-S NKK-CB15FP-S Datasheet
136Kb / 4P
6mm Process Sealed Tactiles
logo
Stackpole Electronics, ...
CB15JB33R0 SEI-CB15JB33R0 Datasheet
329Kb / 4P
Ceramic Housed with Axial Leads Power Resistor
4/13/2021
More results


Similar Description - CB15AK

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
logo
Harwin Plc
R30-9400500 HARWIN-R30-9400500 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401000 HARWIN-R30-9401000 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R30-9401400 HARWIN-R30-9401400 Datasheet
44Kb / 1P
CLEARANCE SPACERS
R4780-02 HARWIN-R4780-02 Datasheet
149Kb / 1P
CLEARANCE SPACER-ROUND
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
OSRAM GmbH
GWQSLM31.QM OSRAM-GWQSLM31.QM Datasheet
4Mb / 25P
Area Lights
logo
Balluff Korea Ltd.
BAE00WA BALLUFF-BAE00WA Datasheet
118Kb / 2P
Machine Lights
0.41_2021-09-01
BAE00Y4 BALLUFF-BAE00Y4 Datasheet
117Kb / 2P
Machine Lights
0.44_2021-05-20
BAE011E BALLUFF-BAE011E Datasheet
121Kb / 2P
Machine Lights
0.24_2021-05-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com