Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANGPS1007 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANGPS1007 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANGPS1007
Download  LCANGPS1007 Download
File Size   415.23 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description GPS Active Antenna, 1597 MHz to 1607 MHz, 10dBic, Linear Polarization SMA mount

LCANGPS1007 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANGPS1007 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANGPS1007
Download  LCANGPS1007 Click to download

File Size   415.23 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description GPS Active Antenna, 1597 MHz to 1607 MHz, 10dBic, Linear Polarization SMA mount

LCANGPS1007 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANGPS1007 Product details

Features
• Low Profile
• Embedded Low Noise Amplifier
• MIL-STD-810G
• Linearly Polarized
• 10 dBic Gain
• SMA Male
• IP67 Rated
• Operating Frequency Range 1559 MHz to 1610 MHz
• Operating Voltage 3.3 Vdc

Applications
• Military, Law Enforcement, or Private Security
• Hand-held/Portable Devices
• Asset and Fleet Tracking
• Scientific Instrumentation
• Oil, Gas, and Mining Industries
• M2M Applications
• GPS L1, GALLILEO E1, AND GLONASS




Similar Part No. - LCANGPS1007

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANGPS1000 L-COM-LCANGPS1000 Datasheet
321Kb / 3P
Dual Band 37dBi UAV GPS/GNSS Antenna 1,217- 1,610 MHz SMA Male Connector IP67
5/9/2022
LCANGPS1001 L-COM-LCANGPS1001 Datasheet
338Kb / 3P
Multi Band 37dBi UAV GPS/GNSS Antenna 1,166- 1,610 MHz SMA Male Connector IP67
5/9/2022
LCANGPS1002 L-COM-LCANGPS1002 Datasheet
341Kb / 3P
Multi Band 41dBi Aviation GPS/GNSS Antenna 1,164- 1,615 MHz TNC Female Connector IP67
5/9/2022
LCANGPS1003 L-COM-LCANGPS1003 Datasheet
334Kb / 3P
Dual Band 47dBi Survey GPS/GNSS Antenna 1,205- 1,615 MHz TNC Female Connector IP67
5/9/2022
LCANGPS1004 L-COM-LCANGPS1004 Datasheet
336Kb / 3P
Multi Band 47dBi Survey GPS/GNSS Antenna 1,164- 1,615 MHz TNC Female Connector IP67
5/9/2022
More results


Similar Description - LCANGPS1007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B69740U1577A250 EPCOS-B69740U1577A250 Datasheet
333Kb / 4P
Antenna for GPS 1575 MHz
logo
Johanson Technology Inc...
1575AM55B0001 JOHANSON-1575AM55B0001 Datasheet
302Kb / 5P
1575 MHz GPS Antenna
logo
Pasternack Enterprises,...
PE51067 PASTERNACK-PE51067 Datasheet
70Kb / 1P
GPS Active Antenna 1575 MHz, 35 dBi
logo
List of Unclassifed Man...
AA109301111 ETC2-AA109301111 Datasheet
442Kb / 5P
Active GPS Antenna
logo
Pulse A Technitrol Comp...
GPSGMSMA PULSE-GPSGMSMA Datasheet
2Mb / 3P
Active GPS Antenna
logo
Raltron Electronics Cor...
RPA-GP-A-47-SMA-5000-Y RALTRON-RPA-GP-A-47-SMA-5000-Y Datasheet
331Kb / 3P
ACTIVE GPS ANTENNA
logo
TE Connectivity Ltd
2195768-1 TEC-2195768-1 Datasheet
3Mb / 2P
1575 MHz BAND GPS ACTIVE ANTENNA, CABLE TYPE
logo
Suzhou Maswell Communic...
AN_GPS_A001_FAKRA MASWELL-AN_GPS_A001_FAKRA Datasheet
492Kb / 3P
GPS Active Antenna
AN_GPS_A001_MMCX MASWELL-AN_GPS_A001_MMCX Datasheet
492Kb / 3P
GPS Active Antenna
AN_GPS_A001_SMA MASWELL-AN_GPS_A001_SMA Datasheet
491Kb / 3P
GPS Active Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com