Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANKIT1026 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANKIT1026 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANKIT1026
Download  LCANKIT1026 Download
File Size   408.6 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Helium Hotspot Antenna Upgrade Kit, 3dBi 800MHz Omni w/ N Male to RP-SMA Plug, 10ft Low Loss 400 Cable and Lightning Protector

LCANKIT1026 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANKIT1026 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANKIT1026
Download  LCANKIT1026 Click to download

File Size   408.6 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Helium Hotspot Antenna Upgrade Kit, 3dBi 800MHz Omni w/ N Male to RP-SMA Plug, 10ft Low Loss 400 Cable and Lightning Protector

LCANKIT1026 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANKIT1026 Product details

Features
• 824 MHz to 876 MHz
• Increased Proof-of-Coverage
• N-Male to RP-SMA Male Low loss CA-400 series coax cable
(LMR-400 equivalent)
• Lightweight fiberglass radome
• Integral lightning surge protector with multi-strike capability and
replaceable gas tube
• Heavy-duty steel mounting bracket
• COAX-SEAL® Hand Moldable Weatherproofing Tape

Applications
• Helium Network (HNT) Mining
• 800 MHz EU ISM band
• EU868, IN865, RU864
• M2M, LPWAN, LoRA, LoRaWAN, IoT, LongFi
• Industrial & Environmental Monitoring
• Smart Metering Applications
• Inventory Tracking
• Non Line of Sight (NLOS)




Similar Part No. - LCANKIT1026

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANKIT1020 L-COM-LCANKIT1020 Datasheet
84Kb / 1P
ANTPANEL 900MHz 9dBi CARP-SMA M/NM 6FT CA-400
03/02/2022
LCANKIT1021 L-COM-LCANKIT1021 Datasheet
84Kb / 1P
ANTPANEL 900MHZ 9DBI CARP-SMA M/NM 10FT CA-400
03/02/2022
LCANKIT1022 L-COM-LCANKIT1022 Datasheet
84Kb / 1P
ANTPANEL 900MHZ 9DBI CARP-SMA M/NM LIGHTNING PROTECTOR, 10 FT CA-400
03/02/2022
LCANKIT1023 L-COM-LCANKIT1023 Datasheet
85Kb / 1P
ANTPANEL 900MHZ 9DBI CARP-SMA M/NM LIGHTNING PROTECTOR, 20 FT CA-400
03/02/2022
LCANKIT1025 L-COM-LCANKIT1025 Datasheet
425Kb / 3P
Helium Hotspot Antenna Upgrade Kit, 3dBi 800MHz Omni w/ N Male to RP-SMA Plug, 10ft Low Loss 400 Cable
6/27/2022
More results


Similar Description - LCANKIT1026

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE332 PASTERNACK-PE332 Datasheet
356Kb / 5P
N Male to SMA Male Low Loss Test Cable
PE3M0125 PASTERNACK-PE3M0125 Datasheet
729Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0132 PASTERNACK-PE3M0132 Datasheet
728Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
PE3M0141 PASTERNACK-PE3M0141 Datasheet
729Kb / 7P
Temperature Conditioned SMA Female to N Male Low Loss Cable
PE3M0180 PASTERNACK-PE3M0180 Datasheet
723Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0186 PASTERNACK-PE3M0186 Datasheet
724Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
PE3M0225 PASTERNACK-PE3M0225 Datasheet
716Kb / 7P
Temperature Conditioned SMA Male to SMA Male Low Loss Cable
PE3M0229 PASTERNACK-PE3M0229 Datasheet
718Kb / 7P
Temperature Conditioned SMA Male to N Male Low Loss Cable
logo
Linx Technologies
ADP-RPSF-NM LINX-ADP-RPSF-NM Datasheet
440Kb / 2P
ADAPTER, RP-SMA JACK (MALE PIN) TO N PLUG (MALE PIN)
logo
NHP Electrical Engineer...
C40M40-40-010 NHP-C40M40-40-010 Datasheet
336Kb / 1P
PROSOFT CABLE 10FT LMRA 400 N PLUG TO N PLUG
12 May 2023,
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com