Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA05 Datasheet (PDF) - Veris. All Rights Reserved.

AA05 Datasheet PDF - Veris. All Rights Reserved.
Part # AA05
Download  AA05 Download
File Size   441.33 Kbytes
Page   1 Pages
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.
Description Static Pressure

AA05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AA05 Datasheet PDF - Veris. All Rights Reserved.

Part # AA05
Download  AA05 Click to download

File Size   441.33 Kbytes
Page   1 Pages
Manufacturer  VERIS [Veris. All Rights Reserved.]
Direct Link  https://www.veris.com/
Logo VERIS - Veris. All Rights Reserved.
Description Static Pressure

AA05 Datasheet (HTML) - Veris. All Rights Reserved.


AA05 Product details

DESCRIPTION
The AA05 Room Static Pickup Device is a compact, easy-to-install, low-profile device
used to minimize the aesthetic impact of pressure monitoring in spaces. Just drill a
1 3/8” (1” conduit electrical trade size) hole at a convenient place in a wall or ceiling
of the space. Run tubing to connect between the sensor port and the hose barb on
the back of the AA05 pickup, then just push the pickup into the surface to finish the
installation.
FEATURES
AA05 Room Static Pickup
● Compact, attractive appearance
● Barb brass fitting accomodates popular tubing
● Easy to install
AA07 8”, AA06 4” Duct Static Pickup
● Rugged, all-metal construction
● Gasket and hardware provided
● Easy to install




Similar Part No. - AA05

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
AA0500-10-3X BARRY-AA0500-10-3X Datasheet
140Kb / 1P
Aluminum Nitride
12/02/08
AA0500-100-13X BARRY-AA0500-100-13X Datasheet
132Kb / 1P
Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 01/29/09
AA0500-100-14X BARRY-AA0500-100-14X Datasheet
152Kb / 1P
Aluminum Nitride FLANGED ATTENUATOR
Revision Date 01/12/09
AA0500-100-8X BARRY-AA0500-100-8X Datasheet
568Kb / 1P
Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 08/22/06
AA0500-250-10X BARRY-AA0500-250-10X Datasheet
130Kb / 1P
Aluminum Nitride 5 dB FLANGED ATTENUATOR
Revision Date 03/09/09
More results


Similar Description - AA05

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
STATIC RAM
logo
EPCOS
B58611K1100A001 EPCOS-B58611K1100A001 Datasheet
138Kb / 7P
Pressure sensors Gauge pressure transducers
AT2 EPCOS-AT2 Datasheet
127Kb / 7P
Pressure sensors Absolute pressure transducers
logo
List of Unclassifed Man...
9CRA0612P6K001 ETC2-9CRA0612P6K001 Datasheet
426Kb / 4P
High Air Flow and High Static Pressure
9HV0912P1G001 ETC2-9HV0912P1G001 Datasheet
637Kb / 4P
High Static Pressure Fan San Ace 92
9HV ETC2-9HV Datasheet
543Kb / 1P
San Ace 172 9HV type High Static Pressure Fan
RevA_e
logo
SemiHow Co.,Ltd.
KSH1408F SEMIHOW-KSH1408F Datasheet
437Kb / 4P
Static Characteristic
logo
SANYO DENKI CO., LTD.
9HV0912P4G001 SANYODENKI-9HV0912P4G001 Datasheet
681Kb / 4P
High Static Pressure Fan
9HVA0412P3J001 SANYODENKI-9HVA0412P3J001 Datasheet
508Kb / 2P
High Static Pressure Fan
9HVB0812P1G001 SANYODENKI-9HVB0812P1G001 Datasheet
510Kb / 2P
High Static Pressure Fan
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com