Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANLP1005 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANLP1005 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANLP1005
Download  LCANLP1005 Download
File Size   455.87 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 5150 MHz - 5875 MHz, 15 dBi Gain, Log Periodic Antenna, V/H-pol, Dual Band, Dual Pol, High Gain, 2 x Type N Female Connector

LCANLP1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANLP1005 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANLP1005
Download  LCANLP1005 Click to download

File Size   455.87 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 5150 MHz - 5875 MHz, 15 dBi Gain, Log Periodic Antenna, V/H-pol, Dual Band, Dual Pol, High Gain, 2 x Type N Female Connector

LCANLP1005 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANLP1005 Product details

Features
• Frequency coverage for 5150 MHz to 5875 MHz
• Very High Gain 15 dBi Directional Antenna
• Each connector covers wide band of frequencies
• Easy Install universal mounting bracket provided
• Weatherproof ABS – UV Resistance PVC radome
• Pigtail – 10 inches
• 2 x N-Type Female connector

Applications
• Point-to-point, NB-IoT, IoT, M2M applications
• 5G / WLAN / Sub-6 GHz operation supported
• 5G Bands Supported - n46
• DAS (Distributed Antenna Systems)
• IEEE 802.11a / n / ac / ah / ax Wi-Fi applications
• Public safety, utilities, CCTV and local radio coverage
• Smart cities expansion for coverage and IOT / IIOT




Similar Part No. - LCANLP1005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANLP1003 L-COM-LCANLP1003 Datasheet
414Kb / 4P
617-960 MHz / 1710-2700 MHz, 10 dBi / 11 dBi, Log Periodic Antenna, V-pol, Dual Band, High gain, Type N Female Connector
03/28/2022
LCANLP1004 L-COM-LCANLP1004 Datasheet
404Kb / 4P
600-960 MHz / 1710-2700 MHz / 3300-3800 MHz, 7 / 9 / 11 dBi, MIMO Log Periodic Antenna, High Gain, V/H-pol, 2 x Type N Female Connector
03/28/2022
LCANLP1006 L-COM-LCANLP1006 Datasheet
443Kb / 4P
790 MHz - 960 MHz / 1710 MHz - 2170 MHz / 2300 MHz - 2700 MHz, 11 dBi, Log Periodic Antenna, V-pol, High Gain, Type N Female Connector
03/21/2022
LCANLP1007 L-COM-LCANLP1007 Datasheet
458Kb / 4P
806 MHz - 960 MHz / 1710 MHz - 2500 MHz, 9 dBi, Log Periodic Antenna, V-pol, Dual Band, High Gain, Type N Female connector
3/21/2022
LCANLP1008 L-COM-LCANLP1008 Datasheet
464Kb / 4P
1920 MHz - 2170 MHz, 10 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
03/21/2022
More results


Similar Description - LCANLP1005

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
4-1982564-1 TEC-4-1982564-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
1513164-1 TEC-1513164-1 Datasheet
1Mb / 2P
2400 ??2483.5 & 5150 ??5875 MHz Dual Band Antenna
2108964-1 TEC-2108964-1 Datasheet
670Kb / 3P
2400-2500 MHz Single band or 2400-2500 & 4900-5875 MHz Dual Band Antenna
2118060-1 TEC-2118060-1 Datasheet
2Mb / 2P
2300 ??800 & 5150 ??875 MHz Dual Band Antenna
2118788-1 TEC-2118788-1 Datasheet
403Kb / 5P
2400-2483.5 & 4900-5875 MHz DUAL BAND STAMPED ANTENNA
2195630-1 TEC-2195630-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
2195760-1 TEC-2195760-1 Datasheet
3Mb / 3P
1559-1606, 2400-2500 & 5150-5875 MHz GNSS/WiFi BAND ANTENNA
2246667-1 TEC-2246667-1 Datasheet
2Mb / 3P
2400??483.5 MHz & 5150??875 MHz MIMO 2X2 DUAL BAND CABLED ANTENNA
1513472-5 TEC-1513472-5 Datasheet
985Kb / 2P
2400 ??483.5 & 5150 ??875 MHz Dual Band Antenna
Revised 03-11
logo
Suzhou Maswell Communic...
AN_MASTER_005MIMO MASWELL-AN_MASTER_005MIMO Datasheet
1Mb / 17P
Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com