Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANLP1011 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANLP1011 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANLP1011
Download  LCANLP1011 Download
File Size   454.39 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 5725 MHz - 5850 MHz, 16 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector

LCANLP1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANLP1011 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANLP1011
Download  LCANLP1011 Click to download

File Size   454.39 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 5725 MHz - 5850 MHz, 16 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector

LCANLP1011 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANLP1011 Product details

Features
• Frequency coverage for 5725 MHz to 5850 MHz
• Very High Gain 16 dBi Directional Antenna
• Each connector covers wide band of frequencies
• Easy Install universal mounting bracket provided
• Weatherproof ABS radome
• Pigtail – 9 inches
• N-Type Female connector

Applications
• Point-to-point, NB-IoT, IoT, M2M applications
• 5G / WLAN / Sub-6 GHz operation supported
• 5G Bands supported - n46, n47
• DAS (Distributed Antenna Systems)
• IEEE 802.11a / n / ac / ah / ax Wi-Fi applications
• Public safety, utilities, CCTV and local radio coverage
• Smart cities expansion for coverage and IOT / IIOT




Similar Part No. - LCANLP1011

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANLP1010 L-COM-LCANLP1010 Datasheet
454Kb / 4P
3400 MHz - 3600 MHz, 14 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
03/21/2022
LCANLP1012 L-COM-LCANLP1012 Datasheet
417Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
03/31/2022
LCANLP1013 L-COM-LCANLP1013 Datasheet
418Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 4200 MHz, 10 / 11 dBi, Log Periodic Antenna, V-pol, Type N Female connector
03/31/2022
LCANLP1014 L-COM-LCANLP1014 Datasheet
418Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
03/31/2022
LCANLP1015 L-COM-LCANLP1015 Datasheet
418Kb / 4P
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi, Log Periodic Antenna, V-pol, Type N Female connector
03/31/2022
More results


Similar Description - LCANLP1011

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TDK-HLP-2603 TDK-TDK-HLP-2603 Datasheet
61Kb / 2P
Hybrid Log Periodic Antenna
logo
Pasternack Enterprises,...
PE51035 PASTERNACK-PE51035 Datasheet
275Kb / 1P
Vertical Omni Antenna 5470-5850 MHz 8.0 dBi
PE51036 PASTERNACK-PE51036 Datasheet
66Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 10.0 dBi
PE51039 PASTERNACK-PE51039 Datasheet
66Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 10 dBi
PE51040 PASTERNACK-PE51040 Datasheet
83Kb / 1P
Vertical Omni Antenna 5470-5850 MHz, 12 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51125 PASTERNACK-PE51125 Datasheet
381Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz 3.8 dBi
PE51128 PASTERNACK-PE51128 Datasheet
70Kb / 1P
High Performance Vertical Omni Antenna 5250-5850 MHz, 6 dBi
logo
TDK Electronics
HLP-3003C TDK-HLP-3003C Datasheet
86Kb / 2P
Hybrid Log Periodic Antenna
logo
Suzhou Maswell Communic...
AN_MASTER_005MIMO MASWELL-AN_MASTER_005MIMO Datasheet
1Mb / 17P
Maswell 5G High Gain Ultra Wideband Log Periodic Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com