Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD43G Datasheet (PDF) - LightGraphix

LD43G Datasheet PDF - LightGraphix
Part # LD43G
Download  LD43G Download
File Size   2090.41 Kbytes
Page   7 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description WALL LIGHT

LD43G Datasheet (PDF)

Go To PDF Page Download Datasheet
LD43G Datasheet PDF - LightGraphix

Part # LD43G
Download  LD43G Click to download

File Size   2090.41 Kbytes
Page   7 Pages
Manufacturer  LIGHTGRAPHIX [LightGraphix]
Direct Link  https://www.lightgraphix.co.uk/
Logo LIGHTGRAPHIX - LightGraphix
Description WALL LIGHT

LD43G Datasheet (HTML) - LightGraphix


LD43G Product details

KEY FEATURES
High-power C1 engine with NICHIA LED delivering up to 174lm
Miniature fitting with very minimal body depth and bezel diameter
Durable all glass bezel, suitable for a wide range of applications
Available with a 45% or 70% glare shield accessory
Optional 20° tilt film angles the light onto the lit surface for a more
concentrated effect
High efficiency optics produce excellent beam spread and shape
LED recessed 10mm within the body for reduced glare
Hidden fixing options include a rebate trimless sleeve, minimalist trimmed
sleeve, or plaster-in sleeve
Switched, 0-10V, Casambi, DMX, DALI or Mains dimmable drivers available




Similar Part No. - LD43G

ManufacturerPart #DatasheetDescription
logo
LightGraphix
LD43 LIGHTGRAPHIX-LD43 Datasheet
3Mb / 6P
LED UPLIGHT
8 April 2026
logo
Powerex Power Semicondu...
LD430850 POWEREX-LD430850 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LD431050 POWEREX-LD431050 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LD431250 POWEREX-LD431250 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
LD431450 POWEREX-LD431450 Datasheet
103Kb / 5P
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
More results


Similar Description - LD43G

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
Wall mount
16.08.2023
logo
ELATEC GmbH
T4WK-B01EU6 ELATEC-T4WK-B01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact LEGIC Wall Light
11/2023
T4WK-F01EU6 ELATEC-T4WK-F01EU6 Datasheet
358Kb / 4P
TWN4 Palon Compact Wall Light Multi-frequency RFID reader (LF/HF/NFC) for
11/2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com