Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22004-001 Datasheet (PDF) - Omnetics Connector Corp.

A22004-001 Datasheet PDF - Omnetics Connector Corp.
Part # A22004-001
Download  A22004-001 Download
File Size   93.56 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description (12) PIN MALE CIRCULAR CONNECTOR W/SOLDERCUPS

A22004-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
A22004-001 Datasheet PDF - Omnetics Connector Corp.

Part # A22004-001
Download  A22004-001 Click to download

File Size   93.56 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description (12) PIN MALE CIRCULAR CONNECTOR W/SOLDERCUPS

A22004-001 Datasheet (HTML) - Omnetics Connector Corp.


A22004-001 Product details

MATERIALS & SPECIFICATIONS
INSULATOR: LIQUID CRYSTAL POLYMER (LCP) PER ASTM D5138.
CONTACT: BERYLLIUM COPPER PER ASTM B194, C17200. GOLD PLATED PER
ASTM B488, (HARD GOLD) TYPE II CODE C CLASS 1.27.
TERMINATION: COPPER ALLOY PER MIL-DTL-83513 MATT SOLDER PLATE
.0001-.0002 THICK PER AMS-P-81728 AND/OR GOLD PLATE
ASTM B488, (HARD GOLD) TYPE II CODE C CLASS 1.27
CURRENT CAPACITY 3 AMP MAX.
CONTACT RESISTANCE 26 MILLIOHMS (65mV) MAX @ 2.5 AMPS.
PERFORMANCE: PRODUCT FAMILY TESTED TO AND PASSED THE PERFORMANCE
SPECIFICATIONS OF TABLE VII OF MIL-DTL-83513.




Similar Part No. - A22004-001

ManufacturerPart #DatasheetDescription
logo
Omnetics Connector Corp...
A22001-001 OMNETICS-A22001-001 Datasheet
89Kb / 1P
SOCKET FEMALE CIRCULAR CONNECTOR W/SOLDERCUPS
05-18-12
A22002-001 OMNETICS-A22002-001 Datasheet
80Kb / 1P
(5) PIN MALE CIRCULAR CONNECTOR
05-02-16
A22003-001 OMNETICS-A22003-001 Datasheet
86Kb / 1P
(5) SOCKET FEMALE CIRCULAR CONNECTOR
01-29-13
A22005-001 OMNETICS-A22005-001 Datasheet
101Kb / 1P
(12) SOCKET FEMALE CIRCULAR CONNECTOR W/SOLDERCUPS
12-09-14
A22006-001 OMNETICS-A22006-001 Datasheet
103Kb / 1P
(12) PIN MALE CIRCULAR CONNECTOR
03-17-15
More results


Similar Description - A22004-001

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
JR13WPA-3P HIROSE-JR13WPA-3P Datasheet
481Kb / 8P
High-performance water-proof circular connector JR-W connector
logo
Japan Aviation Electron...
JN1 JAE-JN1 Datasheet
388Kb / 22P
Small Circular Connector
logo
CUI INC
SDS-40J-SMT CUI-SDS-40J-SMT Datasheet
286Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 4 PIN
SDS-80J-SMT CUI-SDS-80J-SMT Datasheet
291Kb / 1P
CIRCULAR DIN RECEPTACLE, SMT, 8 PIN
logo
Japan Aviation Electron...
JN1W JAE-JN1W Datasheet
269Kb / 17P
Small Circular Connector
logo
TOKYO SEIMITSU CO., LTD
ML300EX ACCRETECH-ML300EX Datasheet
382Kb / 2P
Circular wafer : 8, 12 inches diameter
logo
HARTING Technology Grou...
09-14-012-4501 HARTING-09-14-012-4501 Datasheet
465Kb / 2P
Han Multi module, 12 pin male
logo
Amphenol Corporation
AT04-12PX-PMXX AMPHENOL-AT04-12PX-PMXX Datasheet
650Kb / 3P
RECEPTACLE, 12 PIN, AT SERIES, W/FLANGE
A4
TV07WCI1735PF404 AMPHENOL-TV07WCI1735PF404 Datasheet
1Mb / 44P
Standard Circular Connector
logo
Hirose Electric
LF13WBLP-20PA HIROSE-LF13WBLP-20PA Datasheet
173Kb / 1P
Standard Circular Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com