Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22013-001 Datasheet (PDF) - Omnetics Connector Corp.

A22013-001 Datasheet PDF - Omnetics Connector Corp.
Part # A22013-001
Download  A22013-001 Download
File Size   110.49 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description SOCKET FEMALE MICRO CIRCULAR CONNECTOR

A22013-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
A22013-001 Datasheet PDF - Omnetics Connector Corp.

Part # A22013-001
Download  A22013-001 Click to download

File Size   110.49 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description SOCKET FEMALE MICRO CIRCULAR CONNECTOR

A22013-001 Datasheet (HTML) - Omnetics Connector Corp.


A22013-001 Product details

MATERIALS & SPECIFICATIONS
INSULATOR:
LIQUID CRYSTAL POLYMER (LCP) PER ASTM
D5138.
CONTACT:
COPPER ALLOY PER MIL-DTL-83513. GOLD PLATE
PER ASTM B488, (HARD GOLD) TYPE II CODE C,
CLASS 1.27
TERMINATION:
COPPER ALLOY PER MIL-DTL-83513 GOLD PLATED
PER ASTM B488, (HARD GOLD) TYPE II CODE C
CLASS 1.27.
CURRENT CAPACITY:
3 AMP MAX.
CONTACT RESISTANCE:
26 MILLIOHMS (65mV) MAX @ 2.5 AMPS.
PERFORMANCE:
PRODUCT FAMILY TESTED TO AND PASSED THE
PERFORMANCE SPECIFICATIONS OF TABLE VII OF
MIL-DTL-83513.




Similar Part No. - A22013-001

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A2201 OMRON-A2201 Datasheet
6Mb / 30P
G5RL-1A-E-HR-DC24
logo
Omnetics Connector Corp...
A22012-001 OMNETICS-A22012-001 Datasheet
110Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
08-29-12
A22014-001 OMNETICS-A22014-001 Datasheet
68Kb / 1P
SOCKET FEMALE MICRO CIRCULAR CONNECTOR
05-06-10
A22015-001 OMNETICS-A22015-001 Datasheet
64Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
01-30-18
A22016-001 OMNETICS-A22016-001 Datasheet
74Kb / 1P
SOCKET MALE MICRO CIRCULAR CONNECTOR
07-13-10
More results


Similar Description - A22013-001

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
MWKQ2L6-7S-4K1 GLENAIR-MWKQ2L6-7S-4K1 Datasheet
227Kb / 3P
MWKQ Micro Circular Quick Disconnect
logo
Molex Electronics Ltd.
0685060513 MOLEX8-0685060513 Datasheet
110Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
0685060511 MOLEX8-0685060511 Datasheet
110Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 5 Circuits
0685060414 MOLEX8-0685060414 Datasheet
108Kb / 2P
6.35mm (.250") Tab Micro Relay Socket, Female, 4 Circuits
logo
Harwin Plc
R30-5000402 HARWIN-R30-5000402 Datasheet
83Kb / 1P
M3 CIRCULAR FEMALE SPACER
logo
Glenair, Inc.
237-263 GLENAIR-237-263 Datasheet
315Kb / 2P
Special Micro Circular Quick Disconnect Receptacle
logo
Harwin Plc
R6308-02 HARWIN-R6308-02 Datasheet
500Kb / 1P
M3 CIRCULAR SLOTTED FEMALE SPACER
logo
Molex Electronics Ltd.
1202440002 MOLEX-1202440002 Datasheet
42Kb / 1P
Micro-Change (M12) Circular Hybrid Technology (CHT) Female Receptacle
logo
Ulti-Mate Connector Inc
SD-812051000 ULTI-MATE-SD-812051000 Datasheet
42Kb / 1P
Micro Circular Solder Cup 7 Socket No Hardware Plastic Shell 125 Max Temp No QPL
05-01-13
SD-812071000 ULTI-MATE-SD-812071000 Datasheet
43Kb / 1P
Micro Circular Solder Cup 9 Socket No Hardware Plastic Shell 125 Max Temp No QPL
08-28-19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com