Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22030-001 Datasheet (PDF) - Omnetics Connector Corp.

A22030-001 Datasheet PDF - Omnetics Connector Corp.
Part # A22030-001
Download  A22030-001 Download
File Size   113.33 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description SOCKET MALE MICRO CIRCULAR CONNECTOR W/ LATCH

A22030-001 Datasheet (PDF)

Go To PDF Page Download Datasheet
A22030-001 Datasheet PDF - Omnetics Connector Corp.

Part # A22030-001
Download  A22030-001 Click to download

File Size   113.33 Kbytes
Page   1 Pages
Manufacturer  OMNETICS [Omnetics Connector Corp.]
Direct Link  https://www.omnetics.com/
Logo OMNETICS - Omnetics Connector Corp.
Description SOCKET MALE MICRO CIRCULAR CONNECTOR W/ LATCH

A22030-001 Datasheet (HTML) - Omnetics Connector Corp.


A22030-001 Product details

MATERIALS & SPECIFICATIONS
INSULATOR:
LIQUID CRYSTAL POLYMER (LCP) PER ASTM D5138.
CONTACT:
COPPER ALLOY PER MIL-DTL-83513. GOLD PLATE PER ASTM B488,
(HARD GOLD) TYPE II CODE C, CLASS 1.27.
TERMINATION:
COPPER ALLOY PER MIL-DTL-83513 GOLD PLATED PER ASTM B488,
(HARD GOLD) TYPE II CODE C CLASS 1.27.
LATCH BOX:
BERYLLIUM COPPER PER ASTM B194 NICKEL PLATE PER SAE-AMS-2404.
CURRENT CAPACITY:
3 AMP MAX.
CONTACT RESISTANCE:
26 MILLIOHMS (65mV) MAX @ 2.5 AMPS.
PERFORMANCE:
PRODUCT FAMILY TESTED TO AND PASSED THE PERFORMANCE
SPECIFICATIONS OF TABLE VII OF MIL-DTL-83513.




Similar Part No. - A22030-001

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
logo
Omnetics Connector Corp...
A22031-001 OMNETICS-A22031-001 Datasheet
110Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR W/ LATCH
05-06-10
A22032-001 OMNETICS-A22032-001 Datasheet
46Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
05-06-10
A22033-001 OMNETICS-A22033-001 Datasheet
37Kb / 1P
SOCKET MALE MICRO CIRCULAR CONNECTOR
05-18-12
A22034-001 OMNETICS-A22034-001 Datasheet
78Kb / 1P
PIN MALE MICRO CIRCULAR CONNECTOR
03-15-16
More results


Similar Description - A22030-001

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
JR13WPA-3P HIROSE-JR13WPA-3P Datasheet
481Kb / 8P
High-performance water-proof circular connector JR-W connector
logo
Glenair, Inc.
MWKQ2L6-7S-4K1 GLENAIR-MWKQ2L6-7S-4K1 Datasheet
227Kb / 3P
MWKQ Micro Circular Quick Disconnect
logo
Yamaichi Electronics Co...
NHS068T3-000-BS0 YAMAICHI-NHS068T3-000-BS0 Datasheet
88Kb / 2P
IDC Type Socket w/o Latch Blocks (1.27mm Pitch)
logo
List of Unclassifed Man...
UHSOCTAX08S01 ETC2-UHSOCTAX08S01 Datasheet
545Kb / 2P
Socket Connector with Latch
logo
Adam Technologies, Inc.
MCSP-C-08-A-SG ADAM-TECH-MCSP-C-08-A-SG Datasheet
111Kb / 1P
MICRO SD SOCKET
MCSP-D-08-A-SG ADAM-TECH-MCSP-D-08-A-SG Datasheet
114Kb / 1P
MICRO SD SOCKET
logo
Glenair, Inc.
237-263 GLENAIR-237-263 Datasheet
315Kb / 2P
Special Micro Circular Quick Disconnect Receptacle
logo
Ulti-Mate Connector Inc
SD-812051000 ULTI-MATE-SD-812051000 Datasheet
42Kb / 1P
Micro Circular Solder Cup 7 Socket No Hardware Plastic Shell 125 Max Temp No QPL
05-01-13
SD-812071000 ULTI-MATE-SD-812071000 Datasheet
43Kb / 1P
Micro Circular Solder Cup 9 Socket No Hardware Plastic Shell 125 Max Temp No QPL
08-28-19
logo
ATTEND Technology Inc.
112I ATTEND-112I Datasheet
298Kb / 3P
Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
2020/07/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com