Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG913P-NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG913P-NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG913P-NF
Download  HG913P-NF Download
File Size   321.13 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 880 MHz to 960 MHz 13 dBi Yagi Antenna, 36in LMR400 coax with Type N Female Connector, Adjustable Polarization Fully Welded Aluminum

HG913P-NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG913P-NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG913P-NF
Download  HG913P-NF Click to download

File Size   321.13 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 880 MHz to 960 MHz 13 dBi Yagi Antenna, 36in LMR400 coax with Type N Female Connector, Adjustable Polarization Fully Welded Aluminum

HG913P-NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG913P-NF Product details

Features
• Aircraft Quality 6061-T6 Aluminum with 5/16’’ Elements with 360°
Fully Welded to a 1’’ Boom
• Powder-Coated Balck for Corrosion, Fade, and Ice-Build Up
Resistance
• Can be Installed for Either Vertical or Horizontal Polarization
• Comes with 36’’ LMR400 Pigtails with N-Type Female Connectors

Applications
• 900 MHz Cellular and GSM
• 900 MHz ISM Band & Wireless LAN Systems
• Point to Multipoint & Non Line of Sight
• NLOS Applications
• RFID & SCADA
• LPWAN, LoRA, IoT, M2M




Similar Part No. - HG913P-NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG913P-120 L-COM-HG913P-120 Datasheet
488Kb / 3P
900 MHz 13 dBi 120 Degree Sector Panel Antenna
HG913P-120V2 L-COM-HG913P-120V2 Datasheet
359Kb / 3P
860-960 MHz 13dBi Vertical Polarization Panel Antenna
4/7/2025
More results


Similar Description - HG913P-NF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51055 PASTERNACK-PE51055 Datasheet
62Kb / 1P
Duck/Whip Antenna 900-960 MHz, 3 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51164 PASTERNACK-PE51164 Datasheet
330Kb / 3P
Whip Antenna Operates From 880 MHz to 960 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51165 PASTERNACK-PE51165 Datasheet
330Kb / 3P
Whip Antenna Operates From 880 MHz to 960 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
logo
TE Connectivity Ltd
2195632-1 TEC-2195632-1 Datasheet
2Mb / 2P
880-960 & 1710-2300 MHz DUAL BAND ANTENNA
logo
Pasternack Enterprises,...
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1040 PASTERNACK-PE51OM1040 Datasheet
366Kb / 4P
7 dBi Omni Antenna 617-3,800 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com