Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG913Y-NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG913Y-NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG913Y-NF
Download  HG913Y-NF Download
File Size   110.82 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems

HG913Y-NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG913Y-NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG913Y-NF
Download  HG913Y-NF Click to download

File Size   110.82 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems

HG913Y-NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG913Y-NF Product details

Applications:  900MHz ISM Band
 Wireless LAN systems
 Point to multipoint applications
 Non Line of Sight (NLOS)
 GSM
 RFID
 SCADA
 Wireless Video Links
 900MHz Cellular

Features:  Superior performance
 Heavy duty steel construction
 All weather operation
 Heavy-duty 1/2" stainless steel boom
 Solid 1/8" elements
 18 inch coax lead
 Can be installed for either vertical or
horizontal polarization
 1/8" thick plated steel mounting plate
 RoHS Compliant




Similar Part No. - HG913Y-NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG913Y-NF L-COM-HG913Y-NF Datasheet
105Kb / 2P
HyperLink Wireless brand 900 MHz 13 dBi Yagi Antennas for ISM, GSM and Wireless LAN Systems
04/14/2021
More results


Similar Description - HG913Y-NF

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1063 PULSE-W1063 Datasheet
236Kb / 2P
Wireless External Antenna for 900 MHz Applications
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
900 MHz Directional Yagi Antenna
WPANT10016-CA WPI-WPANT10016-CA Datasheet
331Kb / 5P
800 / 900 MHz ISM Band and GSM Embedded Antenna
logo
List of Unclassifed Man...
88980160 ETC2-88980160 Datasheet
618Kb / 3P
Wireless network antennas
logo
NIHON DEMPA KOGYO
2725T NDK-2725T_18 Datasheet
931Kb / 1P
For wireless LAN
logo
TAI-SAW TECHNOLOGY CO.,...
TB352ED TAI-SAW-TB352ED Datasheet
967Kb / 5P
SAW Filter 352 MHz for Wireless LAN
logo
PHOENIX CONTACT
2902277 PHOENIX-2902277 Datasheet
68Kb / 4P
Wireless module - RAD-ISM-900-DATA-BD-PLUS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com