Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO6012CST6 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO6012CST6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO6012CST6
Download  DIO6012CST6 Download
File Size   1602.49 Kbytes
Page   13 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 1 MHz, 2 A Output Synchronous Step Down Converter

DIO6012CST6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO6012CST6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO6012CST6
Download  DIO6012CST6 Click to download

File Size   1602.49 Kbytes
Page   13 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description High-Efficiency 1 MHz, 2 A Output Synchronous Step Down Converter

DIO6012CST6 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO6012CST6 Product details

Features
 Low RDS(ON) for internal switches (top/bottom)
100 mΩ / 80 mΩ, 2.0 A
 2.7-5.5 V input voltage range
 High switching frequency minimizes the
external components
 Internal soft-start limits the inrush current
 100% dropout operation capability with input
voltage up to 5 V
 Green package:
SOT23-6, SOT23-5 is pin-compatible.
 Other packages are available upon requests
 No latch off output voltage protection
Applications
 LCD TV
 Set top box
 Net PC
 Mini-notebook PC
 Access point router
Descriptions
The DIO6012 is high-efficiency, high frequency
synchronous step-down DC-DC regulator ICs
capable of delivering up to 2 A output currents.
The DIO6012 family operate over a wide input
voltage range from 2.7 V to 5.5 V and integrate
main switch and synchronous switch with very
low RDS(ON) to minimize the conduction loss.
Low output voltage ripple and small external
inductor and capacitor sizes are achieved with
greater than 1 MHz switching frequency.




Similar Part No. - DIO6012CST6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO60120 DIOO-DIO60120 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CD10 DIOO-DIO60120CD10 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CN8 DIOO-DIO60120CN8 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120CS8 DIOO-DIO60120CS8 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
DIO60120ST5 DIOO-DIO60120ST5 Datasheet
1Mb / 22P
5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
Version 1.3, Aug 2025
More results


Similar Description - DIO6012CST6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Global Mixed-mode Techn...
G5172 GMT-G5172 Datasheet
251Kb / 2P
High Efficiency, 4A Output, Synchronous Step Down
logo
Texas Instruments
TLV62090 TI1-TLV62090_16 Datasheet
1Mb / 27P
3A High Efficiency Synchronous Step-Down Converter
TPS62040 TI1-TPS62040_16 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP2131 MPS-MP2131 Datasheet
1Mb / 16P
High Efficiency, 4 A, 5.5 V, 1.2 MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
DIO6011 ETC1-DIO6011 Datasheet
369Kb / 4P
High-Efficiency 1.5MHz, MHz, 1A Output Synchronous A Step Down Converter
Rev. 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com