Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMC8205AS Datasheet (PDF) - Semtron Microtech Corporation

SMC8205AS Datasheet PDF - Semtron Microtech Corporation
Part # SMC8205AS
Download  SMC8205AS Download
File Size   504.75 Kbytes
Page   6 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description 20V Dual N-Channel Enhancement Mode MOSFET

SMC8205AS Datasheet (PDF)

Go To PDF Page Download Datasheet
SMC8205AS Datasheet PDF - Semtron Microtech Corporation

Part # SMC8205AS
Download  SMC8205AS Click to download

File Size   504.75 Kbytes
Page   6 Pages
Manufacturer  SEMTRON [Semtron Microtech Corporation]
Direct Link  https://www.semtron-micro.com/
Logo SEMTRON - Semtron Microtech Corporation
Description 20V Dual N-Channel Enhancement Mode MOSFET

SMC8205AS Datasheet (HTML) - Semtron Microtech Corporation


SMC8205AS Product details

■DESCRIPTION
The SMC8205AS is the Dual N-Channel logic
enhancement mode power field effect transistor
which is produced using high cell density. advanced
trench technology to provide excellent RDS(ON).
This high density process is especially tailored
to minimize on-state resistance. These devices are
particularly suited for low voltage application , and
low in-line power loss are needed in a very small
outline surface mount package.
■FEATURE
 20V/6.0A, RDS(ON) =20mΩ(typ.)@VGS =4.5V
 20V/5.2A, RDS(ON) =24mΩ(typ.)@VGS =2.5V
 Super high density cell design for extremely low
RDS(ON)
 Exceptional on-resistance and Maximum DC
current capability
■APPLICATIONS
 Power Management in Note book
 Portable Equipment
 Battery Powered System




Similar Part No. - SMC8205AS

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SMC8205AS6-TRG VBSEMI-SMC8205AS6-TRG Datasheet
445Kb / 8P
Dual N-Channel MOSFET
More results


Similar Description - SMC8205AS

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8 Datasheet
56Kb / 4P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2AM832 ZETEX-ZXMN2AM832 Datasheet
204Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A04DN8 ZETEX-ZXMN2A04DN8_04 Datasheet
176Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM9966DCX6 TSC-TSM9966DCX6 Datasheet
156Kb / 4P
20V Dual N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMD63N02X DIODES-ZXMD63N02X Datasheet
162Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
JUNE 2004
ZXMN2A04DN8 DIODES-ZXMN2A04DN8 Datasheet
185Kb / 7P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
JULY 2004
ZXMN2AMC DIODES-ZXMN2AMC Datasheet
656Kb / 8P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMN2029USD DIODES-DMN2029USD_15 Datasheet
264Kb / 6P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMD63N02X DIODES-ZXMD63N02X_15 Datasheet
265Kb / 8P
DUAL 20V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMN2300UFL4 DIODES-DMN2300UFL4_17 Datasheet
467Kb / 7P
20V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com