Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC8804 Datasheet (PDF) - Infinite Electronics International, Inc.

SC8804 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC8804
Download  SC8804 Download
File Size   384.48 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMC Jack Bulkhead PCB Connector 0.062 inch End Launch Solder Attachment

SC8804 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC8804 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC8804
Download  SC8804 Click to download

File Size   384.48 Kbytes
Page   2 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SMC Jack Bulkhead PCB Connector 0.062 inch End Launch Solder Attachment

SC8804 Datasheet (HTML) - Infinite Electronics International, Inc.


SC8804 Product details

Features
• Interface: 0.062 inch End Launch
• Attachment: Solder
• Body Style: Straight
• Mount Method: Bulkhead




Similar Part No. - SC8804

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC8801 FAIRVIEW-SC8801 Datasheet
594Kb / 3P
SMC Plug Connector Crimp/Solder Attachment for 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable Gold Plated
REV 2.1
SC8803 FAIRVIEW-SC8803 Datasheet
596Kb / 3P
RA SMC Plug Connector Crimp/Solder Attachment for 0.100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100A-FR Cable Gold Plated
REV 2.1
SC8805 FAIRVIEW-SC8805 Datasheet
426Kb / 2P
SMC Jack Connector Clamp/Solder Attachment For RG405 Cable
REV 1.0
SC8806 FAIRVIEW-SC8806 Datasheet
487Kb / 3P
SMC Plug Connector Clamp/Solder Attachment For RG405 Cable
REV 1.0
More results


Similar Description - SC8804

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44130 PASTERNACK-PE44130 Datasheet
255Kb / 3P
SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44138 PASTERNACK-PE44138 Datasheet
238Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .020 inch x .010 inch Contact
PE44129 PASTERNACK-PE44129 Datasheet
285Kb / 2P
SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE44131 PASTERNACK-PE44131 Datasheet
256Kb / 3P
75 Ohm Mini SMB Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE44136 PASTERNACK-PE44136 Datasheet
255Kb / 3P
SMC Jack Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE44133 PASTERNACK-PE44133 Datasheet
205Kb / 2P
SMC Jack Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE4892 PASTERNACK-PE4892 Datasheet
242Kb / 2P
MCX Jack Connector Solder Attachment 0.062 inch End Launch PCB
PE4893 PASTERNACK-PE4893 Datasheet
221Kb / 3P
MCX Jack Connector Solder Attachment 0.042 inch End Launch PCB
PE44848 PASTERNACK-PE44848 Datasheet
235Kb / 2P
SMC Female Bulkhead Connector Solder Attachment 0.062 inch End Launch PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com