Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4082 Datasheet (PDF) - Renesas Technology Corp

UPC4082 Datasheet PDF - Renesas Technology Corp
Part # UPC4082
Download  UPC4082 Download
File Size   555.95 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description J-FET Input Dual Operational Amplifier

UPC4082 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC4082 Datasheet PDF - Renesas Technology Corp

Part # UPC4082
Download  UPC4082 Click to download

File Size   555.95 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description J-FET Input Dual Operational Amplifier

UPC4082 Datasheet (HTML) - Renesas Technology Corp


UPC4082 Product details

• Input Offset Voltage ±5 mV (TYP.)
• Input Bias Current 30 pA (TYP.)
• Slew Rate 13 V/μs (TYP.)
• Unity Gain Frequency 3 MHz (TYP.))
• Input Equivalent Noise Voltage Density 25 nV/Hz (TYP.) (f = 1 kHz)
• Built-In Phase Compensation Circuit
• Built-In Output Short Circuit Protection
• Standard Dual Op-Amp terminal connection (pin compatible)




Similar Part No. - UPC4082

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
Renesas Technology Corp
UPC4082 RENESAS-UPC4082 Datasheet
264Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4082C NEC-UPC4082C Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
Renesas Technology Corp
UPC4082C RENESAS-UPC4082C Datasheet
264Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1987
logo
NEC
UPC4082G2 NEC-UPC4082G2 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
More results


Similar Description - UPC4082

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4082 NEC-UPC4082 Datasheet
279Kb / 10P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER???????
logo
New Japan Radio
NJM072B NJRC-NJM072B Datasheet
225Kb / 5P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER?
NJM074 NJRC-NJM074 Datasheet
144Kb / 3P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER???
NJM2082 NJRC-NJM2082 Datasheet
226Kb / 5P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER????
NJM353 NJRC-NJM353 Datasheet
266Kb / 7P
DUAL J-FET INPUT OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6082M SANYO-LA6082M Datasheet
102Kb / 5P
J-FET Input Dual Operational Amplifier?
LA6083D SANYO-LA6083D Datasheet
105Kb / 5P
J-FET Input Dual Operational Amplifier
LA6083M SANYO-LA6083M Datasheet
104Kb / 5P
J-FET Input Dual Operational Amplifier
logo
Renesas Technology Corp
PC4082 RENESAS-PC4082_15 Datasheet
264Kb / 11P
J-FET INPUT DUAL OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL072 UMW-TL072 Datasheet
706Kb / 6P
General J-FET input dual operational amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com