Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC07 Datasheet (PDF) - STMicroelectronics

M74HC07 Datasheet PDF - STMicroelectronics
Part # M74HC07
Download  M74HC07 Download
File Size   227.4 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX BUFFER OPEN DRAIN

M74HC07 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC07 Datasheet PDF - STMicroelectronics

Part # M74HC07
Download  M74HC07 Click to download

File Size   227.4 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX BUFFER OPEN DRAIN

M74HC07 Datasheet (HTML) - STMicroelectronics


M74HC07 Product details

DESCRIPTION

The M74HC07 is an high speed CMOS HEX OPEN DRAIN BUFFER fabricated with silicon gate C2MOS technology.

The internal circuit is composed of 2 stages including buffer output, which enables high noise immunity and stable output.

All inputs are equipped with protection circuits against static discharge and transient excess voltage.



■ HIGH SPEED: tPD = 6ns (TYP.) at VCC = 6V
■ LOW POWER DISSIPATION: ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY: VNIH = VNIL = 28 % VCC (MIN.)
■ WIDE OPERATING VOLTAGE RANGE: VCC (OPR) = 2V to 6V
■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 07




Similar Part No. - M74HC07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC07 STMICROELECTRONICS-M74HC07 Datasheet
227Kb / 9P
HEX BUFFER OPEN DRAIN
Feb-1993
M74HC07B1R STMICROELECTRONICS-M74HC07B1R Datasheet
227Kb / 9P
HEX BUFFER OPEN DRAIN
Feb-1993
M74HC07C1R STMICROELECTRONICS-M74HC07C1R Datasheet
227Kb / 9P
HEX BUFFER OPEN DRAIN
Feb-1993
M74HC07M1R STMICROELECTRONICS-M74HC07M1R Datasheet
227Kb / 9P
HEX BUFFER OPEN DRAIN
Feb-1993
More results


Similar Description - M74HC07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC07A PHILIPS-74LVC07A Datasheet
71Kb / 16P
Hex buffer with open-drain outputs
2000 Mar 07
logo
STMicroelectronics
M54HC07 STMICROELECTRONICS-M54HC07 Datasheet
227Kb / 9P
HEX BUFFER OPEN DRAIN
Feb-1993
logo
Toshiba Semiconductor
TC74HC07AP TOSHIBA-TC74HC07AP Datasheet
220Kb / 5P
HEX BUFFER (OPEN DRAIN)
17-May-2001
TC74VHCV07FK TOSHIBA-TC74VHCV07FK Datasheet
185Kb / 8P
Hex Schmitt Buffer (open drain)
logo
NXP Semiconductors
74LVC07APW-T NXP-74LVC07APW-T Datasheet
160Kb / 14P
Hex buffer with open-drain outputs
Rev. 5-27 October 2011
logo
Unisonic Technologies
U74HC07 UTC-U74HC07 Datasheet
182Kb / 5P
HEX BUFFER (OPEN DRAIN)
logo
Nexperia B.V. All right...
74AHCT07A NEXPERIA-74AHCT07A Datasheet
728Kb / 12P
Hex buffer with open-drain outputs
74LVC07A-Q100 NEXPERIA-74LVC07A-Q100 Datasheet
227Kb / 13P
Hex buffer with open-drain outputs
74LVC07A NEXPERIA-74LVC07A Datasheet
234Kb / 12P
Hex buffer with open-drain outputs
Rev. 7 - 3 August 2020
74LV07AT NEXPERIA-74LV07AT Datasheet
727Kb / 12P
Hex buffer with open-drain outputs
Rev. 1 - 19 December 2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com