Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXT060N03B Datasheet (PDF) - Bridgelux, Inc.

BXT060N03B Datasheet PDF - Bridgelux, Inc.
Part # BXT060N03B
Download  BXT060N03B Download
File Size   591.7 Kbytes
Page   8 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description 30V 20A N-Channel Enhancement Mode Power MOSFET

BXT060N03B Datasheet (PDF)

Go To PDF Page Download Datasheet
BXT060N03B Datasheet PDF - Bridgelux, Inc.

Part # BXT060N03B
Download  BXT060N03B Click to download

File Size   591.7 Kbytes
Page   8 Pages
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.
Description 30V 20A N-Channel Enhancement Mode Power MOSFET

BXT060N03B Datasheet (HTML) - Bridgelux, Inc.


BXT060N03B Product details

Features
·RDSON≤6mΩ @Vgs=10V
·Advanced trench technology
·Excellent RDS(ON) and Low Gate Charge
·Lead free product is acquired
Application
·Load Switch
·PWM Application
·Power management




Similar Part No. - BXT060N03B

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
BXT1000N06M BRIDGELUX-BXT1000N06M Datasheet
1Mb / 9P
6V 3A POWER MOSFET
22-Oct-2020
BXT1100P02M BRIDGELUX-BXT1100P02M Datasheet
1Mb / 9P
-20V P-Channel Enhancement Mode MOSFET
10-NOV-2020
BXT170N06D BRIDGELUX-BXT170N06D Datasheet
620Kb / 9P
60V 50A N-Channel Enhancement Mode Power MOSFET
25-Oct-2021
BXT210N02M BRIDGELUX-BXT210N02M Datasheet
1Mb / 9P
20V N-Channel Enhancement Mode MOSFET
25-OCT-2020
BXT230P03B BRIDGELUX-BXT230P03B Datasheet
637Kb / 8P
-30V -10A P-Channel Enhancement Mode Power MOSFET
17-Sep-2021
More results


Similar Description - BXT060N03B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3400N3 CYSTEKEC-MTN3400N3 Datasheet
657Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS Datasheet
311Kb / 8P
30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K14N3 CYSTEKEC-MTN3K14N3 Datasheet
625Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN3K16N3 CYSTEKEC-MTN3K16N3 Datasheet
518Kb / 7P
30V N-CHANNEL Enhancement Mode MOSFET
MTN351AN3 CYSTEKEC-MTN351AN3 Datasheet
474Kb / 5P
30V N-CHANNEL Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
20N50 WXDH-20N50 Datasheet
1Mb / 11P
20A 500V N-channel Enhancement Mode Power MOSFET
20N50D WXDH-20N50D Datasheet
1Mb / 10P
20A 500V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM3400 AITSEMI-AM3400 Datasheet
486Kb / 7P
MOSFET 30V N-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com