Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG72705CUPR-NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG72705CUPR-NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG72705CUPR-NF
Download  HG72705CUPR-NF Download
File Size   511.16 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 698-960/1710-2700 MHz Low PIM Rated DAS Ceiling Antenna

HG72705CUPR-NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG72705CUPR-NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG72705CUPR-NF
Download  HG72705CUPR-NF Click to download

File Size   511.16 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 698-960/1710-2700 MHz Low PIM Rated DAS Ceiling Antenna

HG72705CUPR-NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG72705CUPR-NF Product details

Applications
 DAS (Distributed Antenna Systems)
 700 MHz and cellular applications
 AWS (Advanced wireless services) and PCS (Personal
communications service) band applications
 In-building wireless networks and LTE networks
 IEEE 802.11b/g applications

Features
 Frequency coverage for 700 MHz, 850 MHz, AWS and
PCS bands
 Low Passive Inter-Modulation (PIM) rated
 Attractive unobtrusive radome design
 Easily mounts to ceiling tiles
 15.7 inch coax lead with N-Female
connector




Similar Part No. - HG72705CUPR-NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG72705FPU-UFL L-COM-HG72705FPU-UFL Datasheet
248Kb / 4P
HyperLink Wireless 698-960/1710-2700 MHz Flexible FPCB Embedded Antenna
More results


Similar Description - HG72705CUPR-NF

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFDIP1608070G3T WALSIN-RFDIP1608070G3T Datasheet
624Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
RFDIP1608070GM1T76 WALSIN-RFDIP1608070GM1T76 Datasheet
635Kb / 7P
698~960 MHz /1710~2700 MHz Band RF Application
logo
TE Connectivity Ltd
2108994-1 TEC-2108994-1 Datasheet
2Mb / 3P
698-960, 1710-2170 & 2300-2700 MHz LTE/CELL BAND ANTENNA
2118903-1 TEC-2118903-1 Datasheet
2Mb / 3P
698-960, 1710-2170 & 2300-2700 MHz LTE/CELL METASPAN ANTENNA
2367286-1 TEC-2367286-1 Datasheet
774Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372105-1 TEC-2372105-1 Datasheet
526Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2372112-1 TEC-2372112-1 Datasheet
535Kb / 5P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
2195771-1 TEC-2195771-1 Datasheet
2Mb / 2P
698-960, 1710-2700 & 3400-3800 MHz LTE Standard Antenna Solutions
2361492-1 TEC-2361492-1 Datasheet
760Kb / 6P
698-960 & 1710-2700 MHz LTE WORLD BAND ANTENNA
logo
Pasternack Enterprises,...
PE51OM1032 PASTERNACK-PE51OM1032 Datasheet
551Kb / 4P
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated Indoor/Outdoor V-pol Omni Antenna, 3-4 dBi, 4.3-10 Female Connector
REV 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com