Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC09 Datasheet (PDF) - STMicroelectronics

M74HC09 Datasheet PDF - STMicroelectronics
Part # M74HC09
Download  M74HC09 Download
File Size   170.64 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT AND GATE OPEN DRAIN

M74HC09 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC09 Datasheet PDF - STMicroelectronics

Part # M74HC09
Download  M74HC09 Click to download

File Size   170.64 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT AND GATE OPEN DRAIN

M74HC09 Datasheet (HTML) - STMicroelectronics


M74HC09 Product details

Description

The M74HC09 is an high speed CMOS Quad 2-input open drain and gate fabricated with silicon gate C2MOS technology.

The internal circuit is composed of 3 stages including buffer output, which enables high noise immunity and stable output.

All inputs are equipped with protection circuits against static discharge and transient excess voltage.



Features

■ HIgh Speed:

   tPD = 7ns (Typ.) at VCC = 6V

■ Low power dissipation:

   ICC = 1µA (Max.) at TA = 25°C

■ High noise immunity:

   VNIH = VNIL = 28 % VCC (Min.)

■ Balanced propagation delays:

   tPLH = tPHL

■ Wide operating voltage range:

   VCC (Opr) = 2V to 6V

■ Pin and function compatible with 74 series 09



 




Similar Part No. - M74HC09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC09 STMICROELECTRONICS-M74HC09 Datasheet
232Kb / 9P
QUAD 2-INPUT AND GATE OPEN DRAIN
Oct-1992
M74HC09 STMICROELECTRONICS-M74HC09 Datasheet
191Kb / 13P
Quad 2-input and gate (open drain)
19-May-2006
M74HC09B1R STMICROELECTRONICS-M74HC09B1R Datasheet
232Kb / 9P
QUAD 2-INPUT AND GATE OPEN DRAIN
Oct-1992
M74HC09B1R STMICROELECTRONICS-M74HC09B1R Datasheet
191Kb / 13P
Quad 2-input and gate (open drain)
19-May-2006
M74HC09C1R STMICROELECTRONICS-M74HC09C1R Datasheet
232Kb / 9P
QUAD 2-INPUT AND GATE OPEN DRAIN
Oct-1992
More results


Similar Description - M74HC09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jan-1993
M54HC09 STMICROELECTRONICS-M54HC09 Datasheet
232Kb / 9P
QUAD 2-INPUT AND GATE OPEN DRAIN
Oct-1992
logo
NXP Semiconductors
74LVC38A PHILIPS-74LVC38A Datasheet
99Kb / 14P
Quad 2-input NAND gate (open drain)
2004 Mar 22
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
Quad 2-Input NAND Gate (Open Drain)
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
12-Nov-2004
M74HC09 STMICROELECTRONICS-M74HC09_06 Datasheet
191Kb / 13P
Quad 2-input and gate (open drain)
19-May-2006
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
29-Feb-2012
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
Quad 2-Input NAND Gate (open drain)
29-Feb-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com