Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

350 Datasheet (PDF) - Stannol GmbH & Co KG

350 Datasheet PDF - Stannol GmbH & Co KG
Part # 350
Download  350 Download
File Size   163.17 Kbytes
Page   2 Pages
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG
Description For repairs and subsequent mounting of SMD components

350 Datasheet (PDF)

Go To PDF Page Download Datasheet
350 Datasheet PDF - Stannol GmbH & Co KG

Part # 350
Download  350 Click to download

File Size   163.17 Kbytes
Page   2 Pages
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG
Description For repairs and subsequent mounting of SMD components

350 Datasheet (HTML) - Stannol GmbH & Co KG


350 Product details

DESCRIPTION
A new user-friendly method for precise application of flux in areas which are narrow or difficult to access. Ideal for repairs
and subsequent mounting of SMD components on tightly assembled boards and ceramic substrates. Ideal for repairs and
subsequent mounting of SMD components on tightly assembled boards and ceramic substrates.
Stannol 350 is a no-clean flux type conforming to ORL0 according to J-STD-004B. The activation of the Stannol 350 flux
provides good wetting also with lead-free alloys. The residues can be removed with our cleaner Stannol Flux-Ex 500 if
required. Ideal for repairs and subsequent assembly of SMD components on compact circuit boards and ceramic substrates.
APPLICATION
The Fine Fluxer pen has a plastic shank. With only low pressure you can apply a precisely controlled amount of flux onto the
surface.




Similar Part No. - 350

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
350 CTS-350 Datasheet
105Kb / 2P
9x14mm Differential PECL High Frequency VCXO(416MHz to 832MHz)
logo
Cornell Dubilier Electr...
350 CDE-350 Datasheet
182Kb / 4P
Low Inductance, Radial, Aluminum Electrolytic High Frequency, Solid Aluminum Top
logo
Mill-Max Mfg. Corp.
350 MILL-MAX-350 Datasheet
116Kb / 1P
HEADER STRIPS .100??Grid Solder Tail Single Row
logo
Intel Corporation
350 INTEL-350 Datasheet
1Mb / 82P
Celeron D Processor
350 INTEL-350 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
More results


Similar Description - 350

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
Reed Sensors for SMD Mounting
logo
FERYSTER Inductive Comp...
VR-SMD-9 FERYSTER-VR-SMD-9 Datasheet
57Kb / 1P
Box for toroids for SMD mounting
TOR-V-18-VGH FERYSTER-TOR-V-18-VGH Datasheet
80Kb / 1P
Box for toroids for SMD mounting
TOR-V-19-VGH FERYSTER-TOR-V-19-VGH Datasheet
80Kb / 1P
Box for toroids for SMD mounting
logo
Fairchild Semiconductor
AN-9052 FAIRCHILD-AN-9052 Datasheet
40Kb / 4P
Design Guide for Selection of Bootstrap Components
logo
PHOENIX CONTACT
2757063 PHOENIX-2757063 Datasheet
117Kb / 4P
Electronic housing, for PCB insertion, fully equipped with 3 screw connections per side, for mounting of SMD components
2757128 PHOENIX-2757128 Datasheet
120Kb / 5P
Electronic housing, double level, fully equipped with 6 screw connections per side for one printed circuit board, for mounting of SMD components
2757173 PHOENIX-2757173 Datasheet
123Kb / 5P
Electronic housing, double-level, fully equipped with 12 screw connections per side for two printed circuit boards, for mounting of SMD components
2811886 PHOENIX-2811886 Datasheet
60Kb / 3P
For control cabinet mounting of the operating and display unit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com