Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

400-25 Datasheet (PDF) - Stannol GmbH & Co KG

400-25 Datasheet PDF - Stannol GmbH & Co KG
Part # 400-25
Download  400-25 Download
File Size   150.69 Kbytes
Page   2 Pages
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG
Description Halide-activated rosin flux

400-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
400-25 Datasheet PDF - Stannol GmbH & Co KG

Part # 400-25
Download  400-25 Click to download

File Size   150.69 Kbytes
Page   2 Pages
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG
Description Halide-activated rosin flux

400-25 Datasheet (HTML) - Stannol GmbH & Co KG


400-25 Product details

DESCRIPTION
Halide-activated rosin flux conforming to DIN EN 29454-1 1.1.2, EN 61190-1-1 type ROM1.
Stannol 400-25 has been specially formulated for applications in the electronic industry for surfaces which are difficult to
solder. An excellent wetting efficiency when soldering printed circuits, especially in foam fluxers, is achieved by the use of a
stabiliser. The flux has good wetting properties and guarantees complete flux coverage during the soldering process due to
the high rosin contents. The flux residues remaining after the soldering process are dry, plastic and transparent.
Stannol 400-25 has a very wide process window and can be used without any problems.
APPLICATION
Stannol 400-25 can be applied with foam fluxers, but also by dipping, spraying and brushing. The preheating temperature on
the PCB top surface can be set between 80° C and 120° C. During the soldering process a considerable part of the flux is
rinsed off the PCB. If cleaning is required, flux residues can be removed completely with a commercial cleaner. All known
cleaning processes, such as by brushing, ultrasonic, steam etc. are appropriate.
Evaporation of solvent can change the composition. Evaporation causes an increase of the solid content and therefore the
density increases. This can be checked with the Stannol Mini-Titration-Kit.




Similar Part No. - 400-25

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
400-2800 CAMBION-400-2800 Datasheet
129Kb / 1P
"C" size Battery Holder - Solder tab
400-2801 CAMBION-400-2801 Datasheet
129Kb / 1P
"D" size Battery Holder - Solder tab
400-2802 CAMBION-400-2802 Datasheet
129Kb / 1P
"AA" size Battery Holder - Solder tab
400-2803 CAMBION-400-2803 Datasheet
134Kb / 1P
"AA" size Battery Holder - PC mount
More results


Similar Description - 400-25

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7217 LSI-LS7217 Datasheet
177Kb / 3P
PROGRAMMABLE LIGHT-ACTIVATED TIMER
logo
Mallory performance clu...
628 MALLORY-628 Datasheet
125Kb / 12P
RPM ACTIVATED SWITCH
logo
List of Unclassifed Man...
2-100L ETC2-2-100L Datasheet
48Kb / 2P
CHEMTRONICS Technical Data Sheet Chem-Wik Rosin
logo
Mallory performance clu...
646 MALLORY-646 Datasheet
198Kb / 8P
WINDOW RPM ACTIVATED SWITCH
logo
Molex Electronics Ltd.
130114-0004 MOLEX11-130114-0004 Datasheet
23Kb / 1P
Ballast 70W Metal Halide
logo
Mallory performance clu...
PN8950 MALLORY-PN8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
logo
Motorola, Inc
MC2830 MOTOROLA-MC2830 Datasheet
31Kb / 1P
Voice Activated Switch
logo
Mallory performance clu...
8950 MALLORY-8950 Datasheet
390Kb / 4P
MSD RPM Activated Switch
logo
Analog Technologies, In...
ASFC401 ANALOGTECHNOLOGIES-ASFC401 Datasheet
223Kb / 4P
Voice Activated Sofa Controller
10/31/2019
logo
List of Unclassifed Man...
EF-8000GL ETC-EF-8000GL Datasheet
204Kb / 4P
Low Rosin, Pb-Free/Sn-Pb Capable Wave Flux
12-16-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com