Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

500-6B Datasheet (PDF) - Stannol GmbH & Co KG

500-6B Datasheet PDF - Stannol GmbH & Co KG
Part # 500-6B
Download  500-6B Download
File Size   150.19 Kbytes
Page   2 Pages
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG
Description Rosin based flux

500-6B Datasheet (PDF)

Go To PDF Page Download Datasheet
500-6B Datasheet PDF - Stannol GmbH & Co KG

Part # 500-6B
Download  500-6B Click to download

File Size   150.19 Kbytes
Page   2 Pages
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG
Description Rosin based flux

500-6B Datasheet (HTML) - Stannol GmbH & Co KG


500-6B Product details

PRODUCT DESCRIPTION
Rosin based flux corresponding to J-STD-004B type ROL0. Stannol 500-6B is a ready-to-use flux for single-, double-wave
and selective soldering processes. It can also be used for manual soldering as it leaves very safe residues either by use in a
dipping process or in a Stannol Flux-Pen.
Stannol 500-6B possesses very good wetting properties on all available lead-free and lead containing solders and permits
handling immediately after soldering because of its special resin composition. The halide-free resin residues have a high
surface insulation value. A subsequent cleaning operation can therefore be eliminated. The hard residues provide improved
adhesion properties for the application of conformal coatings of either silicone or polyurethane. Even connectors of brass or
bronze, which normally require the use of halide-activated fluxes, can be successfully soldered with the Stannol 500-6B flux.
APPLICATION
In principle, all application methods are feasible, although when foaming is employed some modification of the fluxer may
be needed. The preheating should be set in such a way that the temperature on the top side of the printed circuit board
reaches 90°-110°C. The solder temperature should be between 245°-260°C.
Evaporation of solvent can change the composition. Evaporation causes an increase of the solid content and therefore the
density increases. This can be checked with the Stannol Mini-Titration-Kit.




Similar Part No. - 500-6B

ManufacturerPart #DatasheetDescription
logo
Stannol GmbH & Co KG
500-6BUV STANNOL-500-6BUV Datasheet
150Kb / 2P
Rosin based flux
16.09.2024
More results


Similar Description - 500-6B

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
913MY8C HB-913MY8C Datasheet
609Kb / 9P
FLUX LED
940LB7C HB-940LB7C Datasheet
662Kb / 9P
FLUX LED
940MW7C HB-940MW7C Datasheet
810Kb / 10P
FLUX LED
940MY8C HB-940MY8C Datasheet
660Kb / 9P
FLUX LED
980MY8C HB-980MY8C Datasheet
605Kb / 9P
FLUX LED
logo
List of Unclassifed Man...
2-100L ETC2-2-100L Datasheet
48Kb / 2P
CHEMTRONICS Technical Data Sheet Chem-Wik Rosin
logo
Ningbo Foryard Optoelec...
FYLF-1870UR1C FORYARD-FYLF-1870UR1C_15 Datasheet
416Kb / 7P
Flux LED
FYLF-1870UY1C FORYARD-FYLF-1870UY1C_15 Datasheet
416Kb / 7P
Flux LED
logo
HB Electronic Component...
LED-10VAL12HW3C HB-LED-10VAL12HW3C Datasheet
56Kb / 2P
Highest Flux
logo
List of Unclassifed Man...
EF-8000GL ETC-EF-8000GL Datasheet
204Kb / 4P
Low Rosin, Pb-Free/Sn-Pb Capable Wave Flux
12-16-09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com