Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC4572G2-AP Datasheet (PDF) - Renesas Technology Corp

UPC4572G2-AP Datasheet PDF - Renesas Technology Corp
Part # UPC4572G2-AP
Download  UPC4572G2-AP Download
File Size   639.23 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier

UPC4572G2-AP Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC4572G2-AP Datasheet PDF - Renesas Technology Corp

Part # UPC4572G2-AP
Download  UPC4572G2-AP Click to download

File Size   639.23 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band, Low IB Dual Operational Amplifier

UPC4572G2-AP Datasheet (HTML) - Renesas Technology Corp


UPC4572G2-AP Product details

• Input Equivalent Noise Voltage Density (f = 1 kHz ) 4 nV/Hz (TYP.)
• Input Equivalent Noise Voltage (RIAA features) 0.8 μVr.m.s. (TYP.)
• Total Harmonic Distortion 0.002 % (TYP.)
• Slew Rate 6 V/μs (TYP.)
• Gain Bandwidth Product GBW (f = 100 kHz) 16 MHz (TYP.)
• Low Input Bias Current 100 nA (TYP.)
• Input Offset Voltage ±0.3 mV (TYP.)
• Low Supply Voltage ±2 V ~ ±7 V (Dual)
+4 V ~ +14 V (Single, V− = GND)
• Internal Frequency Compensation
• Standard Dual Op-Amp terminal connection (pin compatible)




Similar Part No. - UPC4572G2-AP

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4572G2 NEC-UPC4572G2 Datasheet
361Kb / 12P
LOW SUPPLY VOLTAGE,ULTRA LOW-NOISE,HIGH SPEED,WIDE BAND,LOW IB DUAL OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4572G2 RENESAS-UPC4572G2 Datasheet
301Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
More results


Similar Description - UPC4572G2-AP

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4572 NEC-UPC4572 Datasheet
361Kb / 12P
LOW SUPPLY VOLTAGE,ULTRA LOW-NOISE,HIGH SPEED,WIDE BAND,LOW IB DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_1 Datasheet
700Kb / 22P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
Ultra-Low Noise, High Speed Operational Amplifier
logo
Texas Instruments
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
UPC4572MF-DAA RENESAS-UPC4572MF-DAA Datasheet
327Kb / 12P
Low Supply Voltage, Ultra Low-Noise, High Speed, Wide Band,
Jul 25, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com