Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2412P Datasheet (PDF) - Infinite Electronics International, Inc.

HG2412P Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2412P
Download  HG2412P Download
File Size   249.92 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 11 dBi Mini Panel Antenna

HG2412P Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2412P Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2412P
Download  HG2412P Click to download

File Size   249.92 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 11 dBi Mini Panel Antenna

HG2412P Datasheet (HTML) - Infinite Electronics International, Inc.


HG2412P Product details

Applications
 2.4 GHz Indoor/Outdoor Wireless LAN systems
 Supports IEEE 802.11b/g/n applications
 WiFi and 2.4 GHz wireless video systems
 Public wireless hotspots
 Subscriber sites and CPE applications
Features
 All weather operation, Compact size, 4" x 4" x 4"
 Durable UV-stable white ABS radome
 DC Ground lightning protecting
 Can be installed for either vertical or horizontal polarization
 Integral N-Female connector
Description
This very compact panel WiFi antenna provides 11 dBi gain with very broad coverage. It is suitable for both indoor and outdoor applications in the 2.4GHz ISM band, including IEEE 802.11b and 802.11g, Bluetooth® and for public wireless hotspot applications. This WiFi antenna is lightweight and features an aesthetic UV-stable, white ABS radome which can also be painted to match the room or building structure. The HG2412P can be installed for horizontal or vertical polarization.
Designed for all weather operation, the HG2412P features drain holes in the radome help prevent moisture build-up inside the antenna. The HG2412P antenna is supplied with a 30 degree tilt and swivel mast mount kit. This allows the antenna to be positioned for optimal performance. It can be adjusted up or down from 0° to 30°. The HG2412P can be mounted to a 1" (25.4 mm) to 1.7" (43.2 mm) dia. masts.




Similar Part No. - HG2412P

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2412P-180 L-COM-HG2412P-180 Datasheet
232Kb / 2P
HyperLink Wireless Brand 2.4 GHz 12 dBi 180° Sector Panel Antenna
More results


Similar Description - HG2412P

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
2.4 GHz panel antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
W1038M PULSE-W1038M Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com