Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3042B Datasheet (PDF) - RF Monolithics, Inc

SC3042B Datasheet PDF - RF Monolithics, Inc
Part # SC3042B
Download  SC3042B Download
File Size   74.05 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 624.0 MHz Differential Sine-Wave Clock

SC3042B Datasheet (PDF)

Go To PDF Page Download Datasheet
SC3042B Datasheet PDF - RF Monolithics, Inc

Part # SC3042B
Download  SC3042B Click to download

File Size   74.05 Kbytes
Page   2 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 624.0 MHz Differential Sine-Wave Clock

SC3042B Datasheet (HTML) - RF Monolithics, Inc


SC3042B Product details

This digital clock is designed for use in high-speed communications timing systems. Fundamental-mode oscillation is made possible by surface-acoustic-wave (SAW) technology. The design results in low jitter, compact size, and low power consumption. Differential outputs provide a sine wave that is capable of driving 50 Ω loads.

• Quartz SAW Frequency Stability
• Fundamental Fixed Frequency
• Very Low Jitter and Power Consumption
• Rugged, Miniature, Surface-Mount Case
• Low-Voltage Power Supply (3.3 VDC)




Similar Part No. - SC3042B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SC3042B MURATA-SC3042B Datasheet
79Kb / 2P
624.0 MHz Differential Sine-Wave Clock
More results


Similar Description - SC3042B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SC3011B-1 RFM-SC3011B-1 Datasheet
72Kb / 2P
600.0 MHz Differential Sine-Wave Clock
SC3048B RFM-SC3048B Datasheet
131Kb / 2P
444.0 MHz Differential Sine-Wave Clock
logo
Murata Manufacturing Co...
SC3017B MURATA-SC3017B Datasheet
78Kb / 2P
400.0 MHz Differential Sine-Wave Clock
SC3019B MURATA-SC3019B Datasheet
78Kb / 2P
500.0 MHz Differential Sine-Wave Clock
SC3035B-1 MURATA-SC3035B-1 Datasheet
138Kb / 2P
800.0 MHz Differential Sine-Wave Clock
SC3041B MURATA-SC3041B Datasheet
79Kb / 2P
300.0 MHz Differential Sine-Wave Clock
SC3042B MURATA-SC3042B Datasheet
79Kb / 2P
624.0 MHz Differential Sine-Wave Clock
SC3045B MURATA-SC3045B Datasheet
78Kb / 2P
621.60 MHz Differential Sine-Wave Clock
SC3048B MURATA-SC3048B Datasheet
103Kb / 2P
444.0 MHz Differential Sine-Wave Clock
SC3053B MURATA-SC3053B Datasheet
102Kb / 2P
750.0 MHz Differential Sine-Wave Clock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com