Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KRFC-26 Datasheet (PDF) - KITAGAWA GmbH

KRFC-26 Datasheet PDF - KITAGAWA GmbH
Part # KRFC-26
Download  KRFC-26 Download
File Size   236.57 Kbytes
Page   1 Pages
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH
Description Split ferrite clamp for Mid-frequency range from 3 to 50MHz.

KRFC-26 Datasheet (PDF)

Go To PDF Page Download Datasheet
KRFC-26 Datasheet PDF - KITAGAWA GmbH

Part # KRFC-26
Download  KRFC-26 Click to download

File Size   236.57 Kbytes
Page   1 Pages
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH
Description Split ferrite clamp for Mid-frequency range from 3 to 50MHz.

KRFC-26 Datasheet (HTML) - KITAGAWA GmbH


KRFC-26 Product details

Feature
● Effective for suppression both of conducted noise up to 30MHz and radiated noise over 30MHz.
● Split FERRITE CLAMP with plastic housing enables to attach assembled cable and cables with connecter.
● Cable tie can assist to hold electric wires and enables the product to be fixed to wire harness. (Excluding KRFC-4)
● Wire guiding system prevent wires from being pinched when winding assembly.
● With optional mounting fixture, the product can be assembled on enclosure by M4 screw.(KRFC-15)




Similar Part No. - KRFC-26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KRFC-10 ETC2-KRFC-10 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
KRFC-13 ETC2-KRFC-13 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
KRFC-15 ETC2-KRFC-15 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
KRFC-4 ETC2-KRFC-4 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
KRFC-6 ETC2-KRFC-6 Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
More results


Similar Description - KRFC-26

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX11LHG EUROQUARTZ-CX11LHG Datasheet
181Kb / 1P
Frequency Range 16MHz to 50MHz
CX18SMAT EUROQUARTZ-CX18SMAT Datasheet
99Kb / 1P
Frequency Range 30MHz ~ 50MHz
logo
Pasternack Enterprises,...
PE8401 PASTERNACK-PE8401 Datasheet
262Kb / 1P
SMA FEMALE FERRITE CIRCULATOR FREQUENCY RANGE:2 TO 4GHz
logo
RF Micro Devices
RFXF9503 RFMD-RFXF9503 Datasheet
150Kb / 2P
Frequency Range: 3 MHz to 3000MHz
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
IF frequency range from DC to 3 GHz
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
IF frequency range from DC to 3 GHz
logo
Abracon Corporation
ASG-D ABRACON-ASG-D Datasheet
2Mb / 5P
Frequency range from 10MHz to 250MHz with LVCMOS output
04.17.12
logo
CRYSTEK CORPORATION
CATTEN-08R0-BNC CRYSTEKMICROWAVE-CATTEN-08R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
Attenuator frequency range is from DC to 1 GHz.
logo
List of Unclassifed Man...
KRFC ETC2-KRFC Datasheet
392Kb / 1P
Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com