Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG3516DP Datasheet (PDF) - Infinite Electronics International, Inc.

HG3516DP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG3516DP
Download  HG3516DP Download
File Size   426.25 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 3.5 GHz 16 dBi Dual Polarized Flat Panel Antenna

HG3516DP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG3516DP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG3516DP
Download  HG3516DP Click to download

File Size   426.25 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 3.5 GHz 16 dBi Dual Polarized Flat Panel Antenna

HG3516DP Datasheet (HTML) - Infinite Electronics International, Inc.


HG3516DP Product details

Applications
 3.5 GHz Band Applications
 Wireless LAN systems & IEEE 802.16e Applications
 WiMAX 7 Mobile WiMAX
 Wireless Internet Provider "cell" sites
 SOFDMA

Features
 Vertical and horizontal polarization
 Dual polarity feed system – (2) N-Female
connectors
 UV-resistant radome for all-weather
operation
 Includes tilt and swivel mast mounting




Similar Part No. - HG3516DP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG3510DP L-COM-HG3510DP Datasheet
567Kb / 6P
3.5-3.8GHz, 60 Degree Flat Panel Antenna, 10 dBi, 2-Port, ±45 Slant Polarization
04/29/2020
HG3510U-PRO L-COM-HG3510U-PRO Datasheet
255Kb / 3P
3300-3800 MHz 10 dBi Gain Omnidirectional PRO Series Antenna - Type N Female Connector, Fiberglass Radome
05/25/2021
HG3512UP-NF L-COM-HG3512UP-NF Datasheet
265Kb / 2P
HyperGain 3.5GHz 11dBi WiMAX Omnidirectional Antenna
HG3513DP4-NF L-COM-HG3513DP4-NF Datasheet
472Kb / 3P
3300-3800 MHz 13 dBi Gain Omnidirectional Dual Pol MIMO Antenna - 4 x Type N Female Connector, PVC Radome
05/04/2021
HG3513DPU-45 L-COM-HG3513DPU-45 Datasheet
323Kb / 3P
3300-3800 MHz 13 dBi Gain Omnidirectional Dual Pol MIMO Antenna - Type N Female Connector, PVC Radome
05/04/2021
More results


Similar Description - HG3516DP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 18 dBi
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
World Produts Inc.
WPANT30052-RA WPI-WPANT30052-RA Datasheet
78Kb / 2P
3.5 GHz WiMAX Directional Panel Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com