Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG3520DP Datasheet (PDF) - Infinite Electronics International, Inc.

HG3520DP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG3520DP
Download  HG3520DP Download
File Size   548.39 Kbytes
Page   6 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 3.5-3.8GHz, 15 Degree Flat Panel Antenna, 20 dBi, 2-Port, ±45 Slant Polarization

HG3520DP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG3520DP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG3520DP
Download  HG3520DP Click to download

File Size   548.39 Kbytes
Page   6 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 3.5-3.8GHz, 15 Degree Flat Panel Antenna, 20 dBi, 2-Port, ±45 Slant Polarization

HG3520DP Datasheet (HTML) - Infinite Electronics International, Inc.


HG3520DP Product details

Features
• 2 x 2 MIMO – Multiple-Input and Multiple-Output
• Dual ±45 slant polarization ports with integral N-female connectors in a single enclosure
• UV-resistant radome and rugged mounting hardware for allweather operation
• Stable 20 dBi gain in a small-profile 15” x 15” x 1” form factor
• Suppressed side lobes and superior front to back reduces interference for point-to-point links in the CBRS band

Applications
• 3.5 GHz Citizens Broadband Radio Service (CBRS) applications
• Wireless LAN systems & IEEE 802.16e applications
• Mobile WiMAX Wireless Internet Provider “cell” sites
• SOFDMA
• Outdoor or indoor point-to-point (PtP) requiring high gain




Similar Part No. - HG3520DP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG3521XP-4NF L-COM-HG3521XP-4NF Datasheet
429Kb / 5P
3450 MHz to 3800 MHz Cross Polarization MIMO Flat Panel Antenna, 21 dBi gain, 4 Port with N Female Connectors
07/20/2021
HG3527EG L-COM-HG3527EG Datasheet
317Kb / 3P
HyperLink Wireless 3.5 GHz 27 dBi Parabolic Grid Antenna
More results


Similar Description - HG3520DP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51041 PASTERNACK-PE51041 Datasheet
71Kb / 1P
Panel Antenna 2400-2483 MHz,14 dBi
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51043 PASTERNACK-PE51043 Datasheet
72Kb / 1P
WIFI Panel Antenna 2600 MHz, 14 dBi
PE51044 PASTERNACK-PE51044 Datasheet
81Kb / 1P
WiMAX Panel Antenna 5800 MHz, 23 dBi
PE51046 PASTERNACK-PE51046 Datasheet
74Kb / 1P
WiMax Panel Antenna 3500 MHz, 16 dBi
PE51047 PASTERNACK-PE51047 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 18 dBi
PE51048 PASTERNACK-PE51048 Datasheet
71Kb / 1P
WiMax Panel Antenna 3500 MHz, 20 dBi
logo
Red Lion Controls. Inc
ANT-PD58-19 REDLION-ANT-PD58-19 Datasheet
382Kb / 2P
Flat Panel Directional Antenna
ANT-PAD58-20 REDLION-ANT-PAD58-20 Datasheet
1Mb / 2P
Flat Panel Directional Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com