Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG4971DP-30D-RSP Datasheet (PDF) - Infinite Electronics International, Inc.

HG4971DP-30D-RSP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG4971DP-30D-RSP
Download  HG4971DP-30D-RSP Download
File Size   676.07 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 4950 MHz to 7125 MHz, 2-foot Parabolic Antenna, 2x2 MIMO, 30 dBi, RPSMA, 2 Pack

HG4971DP-30D-RSP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG4971DP-30D-RSP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG4971DP-30D-RSP
Download  HG4971DP-30D-RSP Click to download

File Size   676.07 Kbytes
Page   4 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 4950 MHz to 7125 MHz, 2-foot Parabolic Antenna, 2x2 MIMO, 30 dBi, RPSMA, 2 Pack

HG4971DP-30D-RSP Datasheet (HTML) - Infinite Electronics International, Inc.


HG4971DP-30D-RSP Product details

Features
• 2-Foot standard parabolic antenna
• 4950 to 7125 MHz, 30 dBi
• VSWR < 2.5:1
• All aluminum dish
• Dual slant (V/H or ±45°)
• 50 W max input power per port
• 2 x RPSMA female connectors
• DC ground

Applications
• Long distance backhaul
• Point to point data links (PtP)
• Point to multi-point data links (PtMP)
• Wi-Fi 5, Wi-FI 6, Wi-Fi 6E and Wi-Fi 7
• Unlicensed 5GHz and 6GHz bands
• 5G bands - n46, n47, n96, n102, n104
• 2x2 MIMO capability
• High speed internet access




Similar Part No. - HG4971DP-30D-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG4971DP-30D-NF L-COM-HG4971DP-30D-NF Datasheet
442Kb / 4P
4950 MHz to 7125 MHz, 2-foot Parabolic Antenna, 2x2 MIMO, 30 dBi, NF, 2 Pack
01/19/2024
More results


Similar Description - HG4971DP-30D-RSP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7800W-AT013 HARRIS-RF-7800W-AT013 Datasheet
264Kb / 2P
Rapidly Deployable Three-Foot Parabolic grid Antenna
logo
Pasternack Enterprises,...
PE51042 PASTERNACK-PE51042 Datasheet
71Kb / 1P
Panel Antenna 915 MHz,10.5 dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
logo
Pulse A Technitrol Comp...
W6112B0100 PULSE-W6112B0100 Datasheet
2Mb / 17P
2x2 MIMO LTE FPC ANTENNA
W6113B0100 PULSE-W6113B0100 Datasheet
2Mb / 21P
2x2 MIMO LTE GNSS FPC ANTENNA
logo
Taoglas antenna solutio...
PAD71XA TAOGLAS-PAD71XA Datasheet
1Mb / 21P
GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
logo
TE Connectivity Ltd
2246667-1 TEC-2246667-1 Datasheet
2Mb / 3P
2400??483.5 MHz & 5150??875 MHz MIMO 2X2 DUAL BAND CABLED ANTENNA
logo
Pasternack Enterprises,...
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
logo
Pulse A Technitrol Comp...
W6114XXXX PULSE-W6114XXXX Datasheet
3Mb / 9P
Internal Antenna 5G/4G 2x2 MIMO FPC Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com