Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG5829D Datasheet (PDF) - Infinite Electronics International, Inc.

HG5829D Datasheet PDF - Infinite Electronics International, Inc.
Part # HG5829D
Download  HG5829D Download
File Size   209.67 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna

HG5829D Datasheet (PDF)

Go To PDF Page Download Datasheet
HG5829D Datasheet PDF - Infinite Electronics International, Inc.

Part # HG5829D
Download  HG5829D Click to download

File Size   209.67 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna

HG5829D Datasheet (HTML) - Infinite Electronics International, Inc.


HG5829D Product details

Applications:  5.8GHz UNII applications
 5.8GHz ISM applications
 5.8GHz Wireless LAN systems
 Long-range Directional
Applications
 Point to Point, Point to Multi-point
Systems
 Wireless Bridges
 Backhaul Applications

Features:  Superior performance
 Aluminum reflector dish
 UV Stable light gray polymer
finish
 All weather operation
 Vertical or horizontal polarized
mounting
 Includes tilt and swivel mast
mount kit
 Optional radome cover kits
available
 RoHS Compliant




Similar Part No. - HG5829D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
More results


Similar Description - HG5829D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Red Lion Controls. Inc
ANT-PD58-32 REDLION-ANT-PD58-32 Datasheet
733Kb / 2P
Parabolic Dish Antenna System
logo
Laird Tech Smart Techno...
GD5W LSTD-GD5W Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
logo
Pulse A Technitrol Comp...
W1043 PULSE-W1043 Datasheet
617Kb / 2P
Wireless External Dual Band Antenna
W1028B PULSE-W1028B Datasheet
1Mb / 2P
Wireless External Dual Band Antenna
logo
Laird Tech Smart Techno...
S24024P LSTD-S24024P Datasheet
702Kb / 1P
Parabolic Dish Antenna
GD5X LSTD-GD5X Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
logo
Johanson Technology Inc...
2450AD14A5500T JOHANSON-2450AD14A5500T Datasheet
306Kb / 6P
802.11 Dual Band 2.45/5 GHz Mini Chip Antenna. WiFi, Wireless LAN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com