Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2418DPD Datasheet (PDF) - Infinite Electronics International, Inc.

HG2418DPD Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2418DPD
Download  HG2418DPD Download
File Size   262.96 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 18 dBi Dual & X Polarized/Dual Feed Parabolic Dish Antenna

HG2418DPD Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2418DPD Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2418DPD
Download  HG2418DPD Click to download

File Size   262.96 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 18 dBi Dual & X Polarized/Dual Feed Parabolic Dish Antenna

HG2418DPD Datasheet (HTML) - Infinite Electronics International, Inc.


HG2418DPD Product details

Applications
 2.4 GHz ISM band
 IEEE 802.11b/g/n wireless LAN, WiFi systems
 Long range directional applications
 Point to point and point to multi-point applications
 Wireless bridges and backhaul applications

Features
 Aluminum reflector dish with UV stable light gray
polymer finish
 Adjustable Dual and X Polarity feed horn system
 (2) N-Female connectors
 Includes tilt and swivel mast mount kit
 Optional radome cover kits available




Similar Part No. - HG2418DPD

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2418P L-COM-HG2418P Datasheet
219Kb / 2P
HyperLink Wireless 2.4 GHz 18 dBi Flat Panel Antenna
More results


Similar Description - HG2418DPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Red Lion Controls. Inc
ANT-PD58-32 REDLION-ANT-PD58-32 Datasheet
733Kb / 2P
Parabolic Dish Antenna System
logo
Laird Tech Smart Techno...
GD5W LSTD-GD5W Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
S24024P LSTD-S24024P Datasheet
702Kb / 1P
Parabolic Dish Antenna
GD5X LSTD-GD5X Datasheet
1Mb / 2P
Grid Dish Parabolic Antenna
logo
Neutrik AG
NXPA-18-18-18 NEUTRIK-NXPA-18-18-18 Datasheet
25Kb / 1P
5 GHz antenna 18 dBi 18째H 18째V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com