Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5562 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5562 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5562
Download  SC5562 Download
File Size   508.78 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RA 10-32 Female PCB Connector Thru Hole Solder Attachment

SC5562 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5562 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5562
Download  SC5562 Click to download

File Size   508.78 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RA 10-32 Female PCB Connector Thru Hole Solder Attachment

SC5562 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5562 Product details

Features
• Operating Frequency
• of 2 GHz Max.
• Excellent VSWR of 1.25:1
• Gold Plated Brass Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC5562

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC556 FUMAN-SC556 Datasheet
418Kb / 10P
Timing from microseconds to hours
logo
Hammond Manufacturing L...
SC556-50 HAMMOND-SC556-50 Datasheet
689Kb / 1P
FRABS DESKTOP/WALL MOUNT/IOT IND
REV: 20.01.2023
logo
Infinite Electronics In...
SC5560 FAIRVIEW-SC5560 Datasheet
553Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188, 0.100 inch, LMR-100, LMR- 100A, LMR-100A-FR Cable
REV 2.1A
SC5561 FAIRVIEW-SC5561 Datasheet
605Kb / 3P
Right Angle 10-32 Male (Plug) Connector For .100 inch, RG316, RG174, RG188, LMR-100, LMR- 100A, LMR-100-FR Cable, Crimp/Solder
REV 2.1
SC5563 FAIRVIEW-SC5563 Datasheet
586Kb / 3P
10-32 Female (Jack) Bulkhead Connector Solder Cup Terminal, Solder
REV 2.2A
More results


Similar Description - SC5562

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44360 PASTERNACK-PE44360 Datasheet
595Kb / 2P
10-32 Female Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44513 PASTERNACK-PE44513 Datasheet
292Kb / 2P
QMA Female Right Angle Connector Solder Attachment Thru Hole PCB
PE44512 PASTERNACK-PE44512 Datasheet
206Kb / 2P
QMA Female Connector Solder Attachment Thru Hole PCB
PE44939 PASTERNACK-PE44939 Datasheet
378Kb / 3P
SMP Female Connector Solder Attachment Thru Hole PCB
PE44359 PASTERNACK-PE44359 Datasheet
458Kb / 2P
10-32 Female Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4555 PASTERNACK-PE4555_16 Datasheet
318Kb / 3P
MCX Jack Connector Solder Attachment Thru Hole PCB
PE4559 PASTERNACK-PE4559_16 Datasheet
324Kb / 4P
MCX Plug Connector Solder Attachment Thru Hole PCB
PE4174 PASTERNACK-PE4174_16 Datasheet
345Kb / 3P
SMB Jack Connector Solder Attachment Thru Hole PCB
PE4175 PASTERNACK-PE4175_16 Datasheet
347Kb / 3P
SMC Jack Connector Solder Attachment Thru Hole PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com