Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27411PI Datasheet (PDF) - Philex Electronic Ltd.

27411PI Datasheet PDF - Philex Electronic Ltd.
Part # 27411PI
Download  27411PI Download
File Size   972.66 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1U Cable Management Panel

27411PI Datasheet (PDF)

Go To PDF Page Download Datasheet
27411PI Datasheet PDF - Philex Electronic Ltd.

Part # 27411PI
Download  27411PI Click to download

File Size   972.66 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 1U Cable Management Panel

27411PI Datasheet (HTML) - Philex Electronic Ltd.


27411PI Product details

Features
• Compatible with 19” server racks
• 420 x 55mm inner channel size
• Durable metal construction




Similar Part No. - 27411PI

ManufacturerPart #DatasheetDescription
logo
Presto International UK...
27411 PRESTO-27411 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
Mounting plate, short
More results


Similar Description - 27411PI

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CM-4852 BUD-CM-4852 Datasheet
35Kb / 1P
CABLE MANAGEMENT PANEL
CM-1225 BUD-CM-1225 Datasheet
32Kb / 1P
CABLE MANAGEMENT PANEL 1U
CM-1227 BUD-CM-1227 Datasheet
51Kb / 1P
CABLE MANAGEMENT PANEL 2U
CM-2201 BUD-CM-2201 Datasheet
54Kb / 1P
CABLE MANAGEMENT PANEL 1U x 19"||" "350922
CDSUW-C Series
logo
Tripp Lite. All Rights ...
SR1UBRUSH TRIPPLITE-SR1UBRUSH Datasheet
458Kb / 2P
1U Cable Pass-Through Panel with Brush Strip
N254-024-OF TRIPPLITE-N254-024-OF Datasheet
158Kb / 2P
24-Port 1U Rack-Mount Cat5e/6 Offset Feed-Through Patch Panel with Cable Management Bar, RJ45 Ethernet, TAA
SRCABLETRAY1U TRIPPLITE-SRCABLETRAY1U Datasheet
153Kb / 2P
SmartRack 1U Horizontal Cable Management Tray
logo
Kendall Howard
1916-3-200-01 KENDALLHOWARD-1916-3-200-01 Datasheet
71Kb / 1P
1U PATCH PANEL BRACKET
1901-1-000-01 KENDALLHOWARD-1901-1-000-01 Datasheet
63Kb / 1P
1U D-RING CABLE MANAGEMENT KIT
1903-1-001-01 KENDALLHOWARD-1903-1-001-01 Datasheet
71Kb / 1P
Panel-1U cable lacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com